Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR805 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SR805
Description  SCHOTTKY BARRIER RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SR805 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SR805 Datasheet HTML 1Page - EIC discrete Semiconductors SR805 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR802 - SR806
SCHOTTKY BARRIER
RECTIFIER DIODES
PRV : 20 - 60 Volts
IO : 8.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL SR802 SR803 SR804 SR805 SR806
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Current ,See Fig.1
IF(AV)
A
Maximum Peak Forward Surge Current,
8.3ms single half sine wave
superimposed on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 8 A
VF
0.55
0.70
V
Maximum Reverse Current at
Ta = 25 °C
IR
0.5
mA
Rated DC Blocking Voltage
Ta = 100 °C
IR(H)
50
mA
Typical Thermal Resistance (Note 1)
RӨJA
40
°C/W
Typical Junction Capacitance (Note 2)
CJ
500
270
pF
Operating Junction Temperature Range
TJ
- 65 to + 125
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
(1) Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
(2) Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Page 1 of 2
Rev. 00 : June 22, 2007
A
RATING
IFSM
8.0
175
DO-201AD
0.21 (5.33)
0.19 (4.82)
0.375 (9.52)
0.285 (7.24)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - SR805

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR805 TSC-SR805 Datasheet
60Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR805 TSC-SR805 Datasheet
163Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
Shanghai Lunsure Electr...
SR805 CHENYI-SR805 Datasheet
52Kb / 2P
   8Amp schottky barrier rectifier 20-100 volts
logo
Taiwan Semiconductor Co...
SR805 TSC-SR805 Datasheet
567Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SR805 MCC-SR805 Datasheet
485Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 - 100 Volts
More results

Similar Description - SR805

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com