Electronic Components Datasheet Search |
|
ST72212 Datasheet(PDF) 6 Page - STMicroelectronics |
|
ST72212 Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 85 page Obsolete Product(s) - Obsolete Product(s) 6/85 ST72101/ST72212/ST72213 Table 1. ST72212 Pin Configuration Note 1: VPP on EPROM/OTP only Pin n° SDIP32 Pin n ° SO28 Pin Name Type Description Remarks 1 1 RESET I/O Bidirectional. Active low. Top priority non maskable interrupt. 2 2 OSCIN I Input/Output Oscillator pin. These pins connect a parallel-resonant crystal, or an external source to the on-chip oscillator. 3 3 OSCOUT O 4 4 PB7/SS I/O Port B7 or SPI Slave Select (active low) External Interrupt: EI1 5 5 PB6/SCK I/O Port B6 or SPI Serial Clock External Interrupt: EI1 6 6 PB5/MISO I/O Port B5 or SPI Master In/ Slave Out Data External Interrupt: EI1 7 7 PB4/MOSI I/O Port B4 or SPI Master Out / Slave In Data External Interrupt: EI1 8 NC Not Connected 9 NC Not Connected 10 8 PB3/OCMP2_A I/O Port B3 or TimerA Output Compare 2 External Interrupt: EI1 11 9 PB2/ICAP2_A I/O Port B2 or TimerA Input Capture 2 External Interrupt: EI1 12 10 PB1/OCMP1_A I/O Port B1 or TimerA Output Compare 1 External Interrupt: EI1 13 11 PB0/ICAP1_A I/O Port B0 or TimerA Input Capture 1 External Interrupt: EI1 14 12 PC5/EXTCLK_A/AIN5 I/O Port C5 orTimerA Input Clock or ADC Analog Input 5 External Interrupt: EI1 15 13 PC4/OCMP2_B/AIN4 I/O PortC4orTimerB OutputCompare2or ADC Analog Input 4 External Interrupt: EI1 16 14 PC3/ICAP2_B/AIN3 I/O Port C3 or TimerB Input Capture 2 or ADC Analog Input 3 External Interrupt: EI1 17 15 PC2/CLKOUT/AIN2 I/O Port C2 or Internal Clock Frequency Output or ADC Analog Input 2. Clockout is driven by Bit 5 of the miscellaneous register. External Interrupt: EI1 18 16 PC1/OCMP1_B/AIN1 I/O PortC1orTimerB OutputCompare1or ADC Analog Input 1 External Interrupt: EI1 19 17 PC0/ICAP1_B/AIN0 I/O Port C0 or TimerB Input Capture 1 or ADC Analog Input 0 External Interrupt: EI1 20 18 PA7 I/O Port A7, High Sink External Interrupt: EI0 21 19 PA6 I/O Port A6, High Sink External Interrupt: EI0 22 20 PA5 I/O Port A5, High Sink External Interrupt: EI0 23 21 PA4 I/O Port A4, High Sink External Interrupt: EI0 24 NC Not Connected 25 NC Not Connected 26 22 PA3 I/O Port A3, High Sink External Interrupt: EI0 27 23 PA2 I/O Port A2, High Sink External Interrupt: EI0 28 24 PA1 I/O Port A1, High Sink External Interrupt: EI0 29 25 PA0 I/O Port A0, High Sink External Interrupt: EI0 30 26 TEST/VPP (1) I/S Test mode pin (should be tied low in user mode). In the EPROM program- ming mode, this pin acts as the programming voltage input VPP. 31 27 VSS S Ground 32 28 VDD S Main power supply 6 |
Similar Part No. - ST72212 |
|
Similar Description - ST72212 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |