Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR2512 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # AR2512
Description  AUTOMOTIVE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

AR2512 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  AR2512 Datasheet HTML 1Page - EIC discrete Semiconductors AR2512 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AR2500 - AR2512
AUTOMOTIVE
RECTIFIER DIODES
PRV : 50 - 1200 Volts
Io : 25 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Terminal are readily solderable
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight : 1.80 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
AR
2500
AR
2501
AR
2502
AR
2504
AR
2506
AR
2508
AR
2510
AR
2512
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
1200
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
840
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
1200
V
Average Rectified Forward Current Tc = 150
°C
IF(AV)
A
Peak Forward Surge Current Single half sine
wave superimposed on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 25 Amps.
VF
V
Maximum DC Reverse Current
Ta = 25
°C
IR
μA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
mA
Thermal Resistance (Note 1)
RӨJC
°C/W
Junction Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
Note
: (1) Thermal resistance from junction to case. Single side cooled.
Page 1 of 2
Rev. 03 : March 14, 2006
RATING
A
IFSM
400
25
- 65 to + 175
- 65 to + 175
1.0
5.0
1.0
0.8
Dimensions in inches and (millimeters)
0.410 (10.4)
0.380 (9.70)
0.185 (4.7)
0.165 (4.2)
0.250 (6.4)
0.235 (6.0)
0.225 (5.7)
0.215 (5.5)
5
° NOM
BUTTON CASE


Similar Part No. - AR2512

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AR2512 EIC-AR2512 Datasheet
16Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
AR2512 NJSEMI-AR2512 Datasheet
78Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
AR2512L EIC-AR2512L Datasheet
123Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
Rev. 04:September 2, 2006
More results

Similar Description - AR2512

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MR3500L EIC-MR3500L Datasheet
16Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR3500 EIC-AR3500 Datasheet
17Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000_05 Datasheet
44Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR2500 EIC-AR2500 Datasheet
16Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR2500L EIC-AR2500L_05 Datasheet
49Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
MR5000L NJSEMI-MR5000L Datasheet
137Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
MR3500S EIC-MR3500S Datasheet
74Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
Rev. 02 : March 24, 2005
AR3500L EIC-AR3500L Datasheet
29Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000 Datasheet
29Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR3500L EIC-AR3500L_06 Datasheet
94Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR5000L EIC-AR5000L_06 Datasheet
93Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com