Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

512-KBL2 Datasheet(PDF) 9 Page - Intel Corporation

Part # 512-KBL2
Description  Intel Pentium 4 Processor Extreme Edition Supporting Hyper-Threading Technology
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

512-KBL2 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 512-KBL2 Datasheet HTML 5Page - Intel Corporation 512-KBL2 Datasheet HTML 6Page - Intel Corporation 512-KBL2 Datasheet HTML 7Page - Intel Corporation 512-KBL2 Datasheet HTML 8Page - Intel Corporation 512-KBL2 Datasheet HTML 9Page - Intel Corporation 512-KBL2 Datasheet HTML 10Page - Intel Corporation 512-KBL2 Datasheet HTML 11Page - Intel Corporation 512-KBL2 Datasheet HTML 12Page - Intel Corporation 512-KBL2 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Intel® Pentium® 4 Processor on 0.13 Micron Process Datasheet
9
Introduction
Introduction
1
The Intel® Pentium® 4 processor with 512-KB L2 cache on 0.13 micron process and the Intel®
Pentium® 4 processor Extreme Edition supporting Hyper-Threading Technology are follow-on
processors to the Intel® Pentium® 4 processor in the 478-pin package with Intel NetBurst®
microarchitecture. These processors use Flip-Chip Pin Grid Array (FC-PGA2) package technology,
and plug into a 478-pin surface mount, Zero Insertion Force (ZIF) socket, referred to as the
mPGA478B socket. The Pentium 4 processor with 512-KB L2 cache on 0.13 micron process and
the Pentium 4 processor Extreme Edition supporting Hyper-Threading Technology, like the
Pentium 4 processor in the 478-pin package, are based on the same Intel 32-bit microarchitecture
and maintain the tradition of compatibility with IA-32 software. The Pentium 4 processor with
512-KB L2 cache on 0.13 micron process contains an on-die 512-KB advanced transfer L2 cache.
The Pentium 4 processor Extreme Edition supporting Hyper-Threading Technology contains an
on-die 512-KB level 2 (L2) advanced transfer cache and an on-die 2-MB integrated level 3 (L3)
cache. Both processors are on a 0.13 micron process.
This document covers the Pentium 4 processors with 512-KB L2 cache on 0.13 micron process and
the Pentium 4 processor Extreme Edition supporting Hyper-Threading Technology.
Note: Unless otherwise specified in this document, the term “Pentium 4 processor on 0.13 micron
process” (or simply processor) refers to both the Pentium 4 processor with 512-KB L2 cache on
0.13 micron process and the Pentium 4 processor Extreme Edition supporting Hyper-Threading
Technology.
Hyper-Threading Technology1 is a new feature in the Pentium 4 processor on 0.13 micron process
at 800 MHz system bus. It is also on the Pentium 4 processor with 512-KB L2 cache on
0.13 micron process at 3.06 GHz/533 MHz system bus. HT Technology allows a single, physical
Pentium 4 processor on 0.13 micron process to function as two logical processors. While some
execution resources (such as caches, execution units, and buses) are shared, each logical processor
has its own architecture state with its own set of general-purpose registers, control registers to
provide increased system responsiveness in multitasking environments, and headroom for next
generation multi-threaded applications. Intel recommends enabling HT Technology with Microsoft
Windows* XP Professional or Windows* XP Home, and disabling HT Technology via the BIOS
for all previous versions of Windows operating systems. For more information on Hyper-
Threading Technology, see www.intel.com/info/hyperthreading. Refer to Section 6.1 for HT
Technology configuration details.
The Intel NetBurst microarchitecture features include hyper-pipelined technology, a rapid
execution engine, a 400 MHz, 533 MHz, or 800 MHz system bus, and an execution trace cache.
The hyper-pipelined technology doubles the pipeline depth in the Pentium 4 processor on
0.13 micron process, allowing the processor to reach much higher core frequencies. The rapid
execution engine allows the two integer ALUs in the processor to run at twice the core frequency;
this allows many integer instructions to execute in 1/2 clock cycle. The 400 MHz, 533 MHz, or
800 MHz system bus is a quad-pumped bus running off a 100 MHz or a 133 MHz system clock,
making 3.2 Gbytes/sec, 4.3 Gbytes/sec, or 6.4 Gbytes/sec data transfer rates possible. The
execution trace cache is a first-level cache that stores approximately 12-K decoded micro-
operations that removes the instruction decoding logic from the main execution path, thereby
increasing performance.


Similar Part No. - 512-KBL2

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
512-060-0040J WINCHESTER-512-060-0040J Datasheet
84Kb / 1P
   RIGHT ANGLE SMB PLUG PC MOUNT
logo
Oscilent Corporation
512-4.0M-315A OSCILENT-512-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
512-4.0M-315B OSCILENT-512-4.0M-315B Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
512-4.0M-315C OSCILENT-512-4.0M-315C Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
512-4.0M-320A OSCILENT-512-4.0M-320A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
More results

Similar Description - 512-KBL2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
570 INTEL-570 Datasheet
1Mb / 96P
   Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Axiomtek Co., Ltd.
NA-813 AXIOMTEK-NA-813 Datasheet
198Kb / 1P
   Supports Intel Hyper-threading technology
NA-320 AXIOMTEK-NA-320 Datasheet
239Kb / 1P
   Supports Intel Hyper-threading technology
logo
Intel Corporation
310308-002 INTEL-310308-002 Datasheet
4Mb / 106P
   Intel Pentium 4 Processor
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
logo
Intel Corporation
316963-002 INTEL-316963-002 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
BX80547PG3200FSL8Q6 INTEL-BX80547PG3200FSL8Q6 Datasheet
2Mb / 105P
   Intel짰 Pentium짰 4 Processor 6xx? Sequence and Intel짰 Pentium짰 4 Processor Extreme Edition
logo
AAEON Technology
PCM-5896 AAEON-PCM-5896 Datasheet
443Kb / 1P
   Low Power Intel Pentium Processor
logo
Intel Corporation
313278-008 INTEL-313278-008 Datasheet
1Mb / 118P
   Intel Core2 Extreme Processor
QX9775 INTEL-QX9775 Datasheet
987Kb / 90P
   Intel Core2 Extreme Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com