Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

651 Datasheet(PDF) 8 Page - Intel Corporation

Part # 651
Description  Intel Pentium 4 Processor
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

651 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 651 Datasheet HTML 4Page - Intel Corporation 651 Datasheet HTML 5Page - Intel Corporation 651 Datasheet HTML 6Page - Intel Corporation 651 Datasheet HTML 7Page - Intel Corporation 651 Datasheet HTML 8Page - Intel Corporation 651 Datasheet HTML 9Page - Intel Corporation 651 Datasheet HTML 10Page - Intel Corporation 651 Datasheet HTML 11Page - Intel Corporation 651 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
8
Datasheet
Intel® Pentium® 4 Processor 6x1
Sequence
The Intel® Pentium® 4 processor family supporting Hyper-Threading Technology1 (HT Technology) delivers
Intel's advanced, powerful processors for desktop PCs and entry-level workstations that are based on the Intel
NetBurst® microarchitecture. The Pentium 4 processor is designed to deliver performance across applications and
usages where end-users can truly appreciate and experience the performance. These applications include Internet
audio and streaming video, image processing, video content creation, speech, 3D, CAD, games, multimedia, and
multitasking user environments. Intel® 64 architecture enables the Intel® Pentium® processor to execute operating
systems and applications written to take advantage of the Intel 64 architecture.
§ §
• Available at 3.6 GHz, 3.40 GHz, 3.20 GHz, and
3 GHz
• Supports Hyper-Threading Technology1
(HT Technology) for all frequencies with
800 MHz front side bus (FSB)
• Supports Intel® 64 architecture
• Supports Execute Disable Bit capability
• Binary compatible with applications running on
previous members of the Intel microprocessor line
• Intel NetBurst® microarchitecture
• FSB frequency at 800 MHz
• Hyper-Pipelined Technology
• Advance Dynamic Execution
• Very deep out-of-order execution
• Enhanced branch prediction
• Optimized for 32-bit applications running on
advanced 32-bit operating systems
• 16-KB Level 1 data cache
• 2-MB Advanced Transfer Cache (on-die, full-
speed Level 2 (L2) cache) with 8-way associativity
and Error Correcting Code (ECC)
• 144 Streaming SIMD Extensions 2 (SSE2)
instructions
• 13 Streaming SIMD Extensions 3 (SSE3)
instructions
• Enhanced floating point and multimedia unit for
enhanced video, audio, encryption, and 3D
performance
• Power Management capabilities
• System Management mode
• Multiple low-power states
• 8-way cache associativity provides improved
cache hit rate on load/store operations
• 775-land Package


Similar Part No. - 651

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
651 MARL-651 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
651-102-04 MARL-651-102-04 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
651-102-04 MARL-651-102-04 Datasheet
430Kb / 5P
   Suitable for high vibration applications
651-102-20 MARL-651-102-20 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
651-102-20 MARL-651-102-20 Datasheet
430Kb / 5P
   Suitable for high vibration applications
More results

Similar Description - 651

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
logo
AAEON Technology
PCM-5896 AAEON-PCM-5896 Datasheet
443Kb / 1P
   Low Power Intel Pentium Processor
logo
Intel Corporation
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
   Intel Pentium Dual-Core Desktop Processor
logo
AAEON Technology
FSB-865G AAEON-FSB-865G Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
logo
Intel Corporation
298643-012 INTEL-298643-012 Datasheet
1Mb / 85P
   Intel Pentium 4 Processor Extreme Edition Supporting Hyper-Threading Technology
logo
Axiomtek Co., Ltd.
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
   Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
AAEON Technology
FSB-860B AAEON-FSB-860B Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
EMB-845M AAEON-EMB-845M Datasheet
433Kb / 1P
   Intel Pentium 4 and Celeron Processors
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
AAEON Technology
PCM-6898 AAEON-PCM-6898 Datasheet
393Kb / 1P
   Intel Pentium III and Celeron Processors, VIA C3 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com