Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9000 Datasheet(PDF) 9 Page - Intel Corporation

Part # 9000
Description  Dual-Core Intel Itanium Processor
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9000 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 9000 Datasheet HTML 5Page - Intel Corporation 9000 Datasheet HTML 6Page - Intel Corporation 9000 Datasheet HTML 7Page - Intel Corporation 9000 Datasheet HTML 8Page - Intel Corporation 9000 Datasheet HTML 9Page - Intel Corporation 9000 Datasheet HTML 10Page - Intel Corporation 9000 Datasheet HTML 11Page - Intel Corporation 9000 Datasheet HTML 12Page - Intel Corporation 9000 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
Dual-Core Intel® Itanium® Processor 9000 and 9100 Series Datasheet
9
Dual-Core Intel® Itanium® Processor 9000 and
9100 Series
Dual-Core Intel® Itanium® Processor 1.6 GHz with 24 MB L3 Cache 9050
Dual-Core Intel® Itanium® Processor 1.6 GHz with 18 MB L3 Cache 9040
Dual-Core Intel® Itanium® Processor 1.6 GHz with 8 MB L3 Cache 9030
Dual-Core Intel® Itanium® Processor 1.42 GHz with 12 MB L3 Cache 9020
Dual-Core Intel® Itanium® Processor 1.4 GHz with 12 MB L3 Cache 9015
Intel® Itanium® Processor 1.6 GHz with 6 MB L3 Cache 9010
Dual-Core Intel® Itanium® Processor 1.66 GHz with 24 MB L3 Cache 9150M
Dual-Core Intel® Itanium® Processor 1.6 GHz with 24 MB L3 Cache 9150N
Dual-Core Intel® Itanium® Processor 1.66 GHz with 18 MB L3 Cache 9140M
Dual-Core Intel® Itanium® Processor 1.6 GHz with 18 MB L3 Cache 9140N
Dual-Core Intel® Itanium® Processor 1.42 GHz with 12 MB L3 Cache 9120N
Dual-Core Intel® Itanium® Processor 1.66 GHz with 8 MB L3 Cache 9130M
Intel® Itanium® Processor 1.6 GHz with 12 MB L3 Cache 9110N
Product Features
Dual Core
— Two complete 64-bit processing cores on one
processor.
EPIC (Explicitly Parallel Instruction Computing)
Technology for current and future requirements of
high-end enterprise and technical workloads
— Provide a variety of advanced
implementations of parallelism, predication,
and speculation, resulting in superior
Instruction-Level Parallelism (ILP).
Hyper-Threading Technology
— Two times the number of OS threads per core
provided by earlier single-thread
implementations.
Wide, parallel hardware based on Intel® Itanium®
architecture for high performance:
— Integrated on-die L3 cache of up to 24MB;
cache hints for L1, L2, and L3 caches for
reduced memory latency.
— 128 general and 128 floating-point registers
supporting register rotation.
— Register stack engine for effective
management of processor resources.
— Support for predication and speculation.
Extensive RAS features for business-critical
applications:
— Full SMBus compatibility.
— Enhanced machine check architecture with
extensive ECC and parity protection.
— Enhanced thermal management.
— Built-in processor information ROM (PIROM).
—Built-in programmable EEPROM.
— Socket Level Lockstep
— Core Level Lockstep
Intel® Virtualization Technology for virtualization for
data-intensive applications.
— Reduces virtualization complexity.
— Improves virtualization performance.
— Increases operating system compatibility.
Intel® Cache Safe Technology ensures mainframe-
caliber availability.
— Minimize L3 cache errors.
Outstanding Energy Efficiency.
— 20 percent less power than previous Intel
Itanium processor.
— 2.5 times higher performance per watt.
High-bandwidth system bus for multiprocessor
scalability:
— Up to 8.53GB/s bandwidth.
— 128-bit wide data bus.
— 50-bits of physical memory addressing and
64-bits of virtual addressing.
— Up to four physical processors on the same
system bus at 400-MHz or 533-MHz data bus
frequency.
— Expandable to systems with multiple system
buses.
Features to support flexible platform environments:
— IA-32 Execution Layer supports IA-32
application binaries.
— Bi-endian support.
— Processor abstraction layer eliminates
processor dependencies.
667-MHz, 1.66-GHz, 3-load busa
— This feature enables increased bandwidth for
Enterprise and HPC.
Demand Based Switching (DBS)a
— Provides additional power management
capability.
a. This feature is applicable to only the 9100 series processors


Similar Part No. - 9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
logo
XFMRS Inc.
9000 XFMRS-9000 Datasheet
8Kb / 1P
   Contact XFMRS
logo
Coto Technology
9000 COTO-9000 Datasheet
1Mb / 2P
   9000 SERIES/MOLDED SIP REED RELAYS
logo
Keysight Technologies
9000 KEYSIGHT-9000 Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
More results

Similar Description - 9000

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
   Dual-Core Intel Xeon Processor
313079-001 INTEL-313079-001 Datasheet
3Mb / 104P
   Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
   Intel Pentium Dual-Core Desktop Processor
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
logo
AAEON Technology
PFM-CVSREV.B AAEON-PFM-CVSREV.B Datasheet
266Kb / 2P
   Intel Atom N2600 Dual Core 1.6 GHz Processor
logo
Intel Corporation
T2700 INTEL-T2700 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
Axiomtek Co., Ltd.
EBOX530-830-FL AXIOMTEK-EBOX530-830-FL_17 Datasheet
380Kb / 1P
   Intel Atom Cedarview processor N2600 1.6 GHz dual core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com