Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z530 Datasheet(PDF) 7 Page - Intel Corporation

Part # Z530
Description  Intel Atom Processor
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z530 Datasheet(HTML) 7 Page - Intel Corporation

Back Button Z530 Datasheet HTML 3Page - Intel Corporation Z530 Datasheet HTML 4Page - Intel Corporation Z530 Datasheet HTML 5Page - Intel Corporation Z530 Datasheet HTML 6Page - Intel Corporation Z530 Datasheet HTML 7Page - Intel Corporation Z530 Datasheet HTML 8Page - Intel Corporation Z530 Datasheet HTML 9Page - Intel Corporation Z530 Datasheet HTML 10Page - Intel Corporation Z530 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
Introduction
Datasheet
7
1
Introduction
The Intel® Atom™ processor Z5xx series is built on a new 45-nanometer Hi-k low
power micro-architecture and 45 nm process technology—the first generation of low-
power IA-32 micro-architecture specially designed for the new class of Mobile Internet
Devices (MIDs). The Intel Atom processor Z5xx series supports the Intel® System
Controller Hub (Intel® SCH), a single-chip component designed for low-power
operation.
1.1
Abstract
This document contains electrical, mechanical, and thermal specifications for Intel
Atom processors Z560, Z550, Z540, Z530, Z520, Z515, Z510, and Z500.
Note: In this document, Intel Atom processor Z5xx series refers to the Intel Atom
processors Z560, Z550, Z540, Z530, Z520, Z515, Z510, and Z500.
Note: In this document, the Intel Atom processor Z5xx series is referred to as “processor”.
The Intel® System Controller Hub (Intel® SCH) is referred to as the “Intel® SCH”.
1.2
Major Features
The following list provides some of the key features on this processor:
New single-core processor for mobile devices offering enhanced performance
On die, primary 32-kB instructions cache and 24-kB write-back data cache
100-MHz and 133-MHz Source-Synchronous front side bus (FSB)
100 MHz: Intel Atom processor Z515, Z510, and Z500
133 MHz: Intel Atom processor Z560, Z550, Z540, Z530, and Z520.
Supports Hyper-Threading Technology 2-threads
On die 512-kB, 8-way L2 cache
Support for IA 32-bit architecture
Intel® Virtualization Technology (Intel® VT)
Intel® Streaming SIMD Extensions 2 and 3 (Intel® SSE2 and Intel® SSE3) and
Supplemental Streaming SIMD Extensions 3 (SSSE3) support
Supports new CMOS FSB signaling for reduced power
Micro-FCBGA8 packaging technologies
Thermal management support using TM1 and TM2
On die Digital Thermal Sensor (DTS) for thermal management support using
Thermal Monitor (TM1 and TM2)
FSB Lane Reversal for flexible routing
Supports C0/C1(e)/C2(e)/C4(e) power states
Intel Deep Power Down Technology (C6)
L2 Dynamic Cache Sizing
Advanced power management features including Enhanced Intel SpeedStep®
Technology


Similar Part No. - Z530

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PEC ZILOG-Z538001PEC Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PSC ZILOG-Z538001PSC Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001VEC ZILOG-Z538001VEC Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001VSC ZILOG-Z538001VSC Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
More results

Similar Description - Z530

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
ICO300-MI AXIOMTEK-ICO300-MI Datasheet
330Kb / 2P
   Supports Intel Atom processor E3815 (1.46GHz)
logo
Intel Corporation
319977-003 INTEL-319977-003 Datasheet
431Kb / 45P
   Intel Atom Processor 230 Series Features
logo
DFI Inc
AL700 DFI-AL700 Datasheet
624Kb / 2P
   Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
   Intel Atom Processor E3900 Series Qseven
logo
Intel Corporation
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
logo
AAEON Technology
AEC-6831 AAEON-AEC-6831 Datasheet
360Kb / 2P
   Fanless Embedded Controller With Intel Atom Processor
logo
DFI Inc
AL553 DFI-AL553 Datasheet
939Kb / 2P
   Intel Atom Processor E3900 Series 3.5 SBC
logo
AAEON Technology
AEC-6611 AAEON-AEC-6611 Datasheet
292Kb / 2P
   Fanless Controller With Intel Atom N270 Processor
logo
Axiomtek Co., Ltd.
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
   Fanless Embedded System with Intel Atom Processor
logo
DFI Inc
AL253 DFI-AL253 Datasheet
943Kb / 2P
   Intel Atom Processor E3900 Series 4 SBC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com