Electronic Components Datasheet Search |
|
SML-P11UT Datasheet(PDF) 1 Page - Rohm |
|
SML-P11UT Datasheet(HTML) 1 Page - Rohm |
1 / 3 page SML-P11DT Orange SML-P11UT SML-P11VT Red Yellow SML-P11YT Green(Yellowish Green) SML-P11MT AlGaInP on GaAs Directivity (Typ.) SML-P11MT SML-P11YT SML-P11DT SML-P11UT SML-P11VT 52 52 50 50 54 20 100 5 -40 to +85 -40 to +100 :Duty 1/10, 1kHz. Absolute Maximum Ratings (Ta=25 °C) Electrical Optical Characteristics (Ta=25 °C) Dimensions (Unit:mm) Tolerance:± 0.1 (Unit:mm) The recommended thickness of the screen mask for soldering is between 80 and 130µm. The hole size of the screen mask should be same as the recommended land pattern or smaller. Recommended Pad Layout SML-P11 Series Yellow Orange Red Red Emitting Color Material Package Size(mm) Part No. Peak forward current IFP (mA) Part No. Power dissipation PD (mW) Forward current IF (mA) Reverse voltage VR (V) Operating temperature Topr ( C) Storage temperature Tstg ( C) Emitting color 0402<1.0 0.6 t=0.2mm> Low Current Type Green (Yellowish Green) Packaging Specifications (Unit:mm) Tape Specifications:T86 <10,000pcs/reel> Feeding direction Reel Specifications 11.4±1 Tolerance:± 0.2 Tolerance:± 0.2 1 100 4 0.63 2.5 2.5 1.6 1.0 2.1 7.6 7.3 5.5 3.6 569 586 605 621 626 11 1.9 1.9 1.8 1.8 1.8 Transparent Colorless SML-P11MT SML-P11YT SML-P11DT SML-P11UT SML-P11VT Part No. Forward voltage VF Light wavelength Reverse current IR Brightness IV IF (mA) Typ. (V) Typ. (mcd) Typ. (nm) λD Min. ( mcd) IF (mA) IF (mA) Max. (µA) Resin Color VR (V) Dominant 0.6 2±0.05 φ1.5 0.68 +0.1 0 4±0.1 Label Position PICOLEDTM - ECO 1006(0402) 1.0 ×0.6(t=0.2) 0.28±0.1 RELATIVE LUMINOUS INTENSITY (%) Angular Displacement (deg) Angular Displacement (deg) RELATIVE LUMINOUS INTENSITY (%) X - Y 0 50 100 50 100 0 ° 30 ° 60 ° 90 ° 30 ° 60 ° 90 ° X' - Y' 0 50 100 50 100 0 ° 30 ° 60 ° 90 ° 30 ° 60 ° 90 ° |
Similar Part No. - SML-P11UT |
|
Similar Description - SML-P11UT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |