Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3092 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK3092
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3092 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3092 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3092 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3092 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3092 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3092
No.6788-3/4
yfs -- ID
Drain Current, ID -- A
0.1
23
5
7
1.0
23
5
7
10
IT01972
VDS=10V
1.0
2
0.1
3
5
7
10
2
3
5
7
75°
C
25°
C
Tc=
--25
°C
VGS(off) -- Tc
Case Temperature, Tc --
°C
0
1
2
3
4
5
6
7
--50
0
50
100
150
IT01971
VDS=10V
ID=1mA
IF -- VSD
Diode Forward Voltage, VSD -- V
5
7
2
0.01
0.1
3
5
7
2
0.001
3
5
7
2
1.0
3
5
7
2
10
3
5
7
2
100
3
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2
0
IT01973
VGS=0
SW Time -- ID
Drain Current, ID -- A
1.0
10
2
5
7
100
3
2
5
7
3
2
1000
3
5
7
23
5
7
1.0
0.1
23
10
57
IT01974
VDD=200V
VGS=15V
td(on)
tr
td(off)
tf
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VSD -- V
2
7
5
1000
3
7
2
5
3
100
10
0
5
10
15
20
25
30
IT01975
f=1MHz
Ciss
Coss
Crss
VGS -- Qg
Total Gate Charge, Qg -- nC
0
1
2
3
4
5
6
7
8
9
10
0123456789
10
IT01976
VDS=200V
ID=3A
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
0
1
2
3
4
5
02468
10
12
14
16
18
20
IT01969
RDS(on) -- Tc
Case Temperature Tc --
°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
--50
--25
0
25
50
75
100
125
150
IT01970
ID=3.0A
1.5A
1.0A
Tc=25
°C
I D
=1.5A,
V GS
=10V
I D
=1.5A,
V GS
=15V


Similar Part No. - 2SK3092

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3092D ISC-2SK3092D Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3092I ISC-2SK3092I Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3092

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com