Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3285 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK3285
Description  DC/DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3285 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3285 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3285 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3285 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3285 Datasheet HTML 4Page - Sanyo Semicon Device 2SK3285 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SK3285
No.6358–3/5
60
50
40
30
20
10
0
--75
--50
--25
0
25
50
75
100
125
175
150
RDS(on) -- Tc
ID=4A,
VGS
=4.5V
ID=10A,
VGS=10.0V
60
50
55
40
45
30
35
20
25
10
5
15
0
010
28
14
412
616
18
20
RDS(on) -- VGS
Tc=25
°C
16
14
12
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ID -- VGS
VDS=10V
10
9
8
7
6
5
4
3
2
1
0
00.2
0.1
0.4
0.3
0.6
0.5
0.8
0.7
1.0
0.9
ID -- VDS
VGS=2.5V
IT00379
IT00381
IT00380
IT00382
10A
ID=4A
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Case Temperature, Tc – ˚C
VGS=0
100
10
2
3
5
7
2
3
5
7
2
3
5
7
1.0
2
3
5
7
0.1
2
3
5
7
0.01
0.001
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.2
1.1
1.0
IF -- VSD
10000
1000
100
7
5
3
2
7
5
3
2
7
5
3
2
10
0
5
10
15
20
25
30
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT00385
IT00386
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.4
0.6
0.2
0
--40
--20
100
0
20
40
60
80
120
VGS(off) -- Tc
VDS=10V
ID=1mA
100
10
1.0
0.1
0.1
10
1.0
2
2
3
5
7
2
3
5
7
2
3
5
7
35
7
2
3
5
7
yfs -- ID
VDS=10V
75°C
25°
C
Tc=-
-25°
C
IT00383
IT00384
Drain Current, ID –A
Case Temperature, Tc – ˚C
Diode Forward Voltage, VSD –V
Drain-to-Source Voltage, VDS –V


Similar Part No. - 2SK3285

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3285B ISC-2SK3285B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3285K ISC-2SK3285K Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3285

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com