Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2526 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2526
Description  11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2526 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2526 Datasheet HTML 6Page - Analog Devices ADN2526 Datasheet HTML 7Page - Analog Devices ADN2526 Datasheet HTML 8Page - Analog Devices ADN2526 Datasheet HTML 9Page - Analog Devices ADN2526 Datasheet HTML 10Page - Analog Devices ADN2526 Datasheet HTML 11Page - Analog Devices ADN2526 Datasheet HTML 12Page - Analog Devices ADN2526 Datasheet HTML 13Page - Analog Devices ADN2526 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADN2526
Rev. A | Page 10 of 16
THEORY OF OPERATION
As shown in Figure 1, the ADN2526 consists of an input stage
and two voltage-controlled current sources for bias and modula-
tion. The bias current, which is available at the IBIAS pin, is
controlled by the voltage applied at the BSET pin and can be
monitored at the IBMON pin. The differential modulation
current, which is available at the IMODP and IMODN pins, is
controlled by the voltage applied to the MSET pin. The output
stage implements the active back-match circuitry for proper
transmission line matching and power consumption reduction.
The ADN2526 can drive a load having differential resistance
ranging from 5 Ω to 50 Ω. The excellent back-termination in
the ADN2526 absorbs the signal reflections from the TOSA
end, enabling excellent optical eye quality, even though the
TOSA is significantly misterminated.
INPUT STAGE
The input stage of the ADN2526 converts the data signal applied
to the DATAP and DATAN pins to a level that ensures proper
operation of the high speed switch. The equivalent circuit of the
input stage is shown in Figure 17.
VCC
50Ω
50Ω
VCC
DATAP
DATAN
Figure 17. Equivalent Circuit of the Input Stage
The DATAP and DATAN pins are terminated internally with a
100 Ω differential termination resistor. This minimizes signal
reflections at the input, which can otherwise lead to degradation in
the output eye diagram. It is not recommended to drive the
ADN2526 with single-ended data signal sources.
The ADN2526 input stage must be ac-coupled to the signal
source to eliminate the need for matching between the common-
mode voltages of the data signal source and the input stage of
the driver (see Figure 18). The ac-coupling capacitors should
have an impedance much less than 50 Ω over the required
frequency range. Generally, this is achieved using 10 nF to 100 nF
capacitors.
In SFP+ MSA applications, the DATAP and DATAN pins need
to be connected to the SFP+ connector directly. This connection
requires enhanced ESD protection to support the SFP+ module
hot plug-in application.
ADN2526
DATAP
DATAN
C
C
50Ω
50Ω
DATA SIGNAL SOURCE
Figure 18. AC-Coupling the Data Source to the ADN2526 Data Inputs
BIAS CURRENT
The bias current is generated internally using a voltage-to-current
converter consisting of an internal operational amplifier and a
transistor, as shown in Figure 19.
GND
200Ω
800Ω
2Ω
RR
VCC
IBMON
BSET
IBMON
ADN2526
IBIAS
200Ω
IBIAS
Figure 19. Voltage-to-Current Converter Used to Generate IBIAS
The voltage-to-current conversion factor is set at 100 mA/V by
the internal resistors, and the bias current is monitored using a
current mirror with a gain equal to 1/100. By connecting a 1 kΩ
resistor between IBMON and VEE, the bias current can be moni-
tored as a voltage across the resistor. A low temperature coefficient
precision resistor must be used for the IBMON resistor (RIBMON).
Any error in the value of RIBMON that is due to tolerances or to drift
in its value over temperature contributes to the overall error
budget for the IBIAS monitor voltage. If the IBMON voltage is
connected to an ADC for analog-to-digital conversion, RIBMON
should be placed close to the ADC to minimize errors due to
voltage drops on the ground plane.
The equivalent circuits of the BSET, IBIAS, and IBMON pins
are shown in Figure 20, Figure 21, and Figure 22.
VCC
BSET
VCC
800Ω
200Ω
Figure 20. Equivalent Circuit of the BSET Pin


Similar Part No. - ADN2526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2525ACPZ-R2 AD-ADN2525ACPZ-R2 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2525ACPZ-REEL7 AD-ADN2525ACPZ-REEL7 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2525ACPZ-WP AD-ADN2525ACPZ-WP Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
More results

Similar Description - ADN2526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com