Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4004 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SM4004
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SM4004 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SM4004 Datasheet HTML 1Page - EIC discrete Semiconductors SM4004 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM4001 - SM4007
SURFACE MOUNT
GLASS PASSIVATED JUNCTION
PRV : 50 - 1000 Volts
Io : 1.0 Ampere
FEATURES :
* Glass Passivated Junction
* Hight Current Capability
* Low Forward voltage Drop
* Hight Reliability and Low Leakage
* For Surface Mount Application
* Plastic Material - UL Flammability
Classification Rating 94 V-0
* Pb / RoHS Free
Mechanical Data
* Case : MELF, Plastic
* Terminals : Solderable per MIL-STD-202, Method 208
* Polarity : Color band
* Approx Weight : 0.25 grams
* Mounting Position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
SYMBOL SM4001 SM4002 SM4003 SM4004 SM4005 SM4006 SM4007 UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VR
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
IF(AV)
A
Peak Forward Surge Current 8.3ms single
half sine wave Superimposed on rated load
(JEDEC Method )
Maximum Forward Voltage at I F = 1.0 A.
VF
V
Maximum DC Reverse Current
Ta = 25
°C
5.0
μA
at rated DC Blocking Voltage
Ta = 125
°C
50
μA
Typical Thermal Resistance, Junction to Ambient
RθJA
50
°C/W
Typical Junction Capacitance (Note1)
CJ
15
pF
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
Note :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
1.0
1.1
IR
30
IFSM
A
Dimensions in inches and ( millimeters )
MELF
0.205(5.2)
0.189(4.8)
φ 0.102 (2.6)
0.094 (2.4)
0.022(0.55)
Cathode Mark


Similar Part No. - SM4004

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM4004 RECTRON-SM4004 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
SM4004 BILIN-SM4004 Datasheet
198Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
SM4004 DIOTEC-SM4004 Datasheet
153Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Bytes
SM4004 BYTES-SM4004 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4004 UNIOHM-SM4004 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Similar Description - SM4004

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
PRLL4001 EIC-PRLL4001 Datasheet
116Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION
PRLL4001A EIC-PRLL4001A Datasheet
107Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION
logo
Shanghai Shunye Electro...
SM4001 SHUNYE-SM4001 Datasheet
115Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
GN1A EIC-GN1A Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
EIC discrete Semiconduc...
GN3A EIC-GN3A Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
Leshan Radio Company
SOD157-SH LRC-SOD157-SH Datasheet
313Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com