Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VNN3NV0413TR Datasheet(PDF) 10 Page - STMicroelectronics

Part No. VNN3NV0413TR
Description  OMNIFET II fully autoprotected Power MOSFET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNN3NV0413TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNN3NV0413TR Datasheet HTML 6Page - STMicroelectronics VNN3NV0413TR Datasheet HTML 7Page - STMicroelectronics VNN3NV0413TR Datasheet HTML 8Page - STMicroelectronics VNN3NV0413TR Datasheet HTML 9Page - STMicroelectronics VNN3NV0413TR Datasheet HTML 10Page - STMicroelectronics VNN3NV0413TR Datasheet HTML 11Page - STMicroelectronics VNN3NV0413TR Datasheet HTML 12Page - STMicroelectronics VNN3NV0413TR Datasheet HTML 13Page - STMicroelectronics VNN3NV0413TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Protection features
VNN3NV04, VNS3NV04, VND3NV04, VND3NV04-1
10/26
Doc ID 7382 Rev 2
Figure 4.
Switching time test circuit for resistive load
Figure 5.
Test circuit for diode recovery times
Rgen
Vgen
VD
t
ID
90%
10%
t
Vgen
td(on)
td(off)
tf
tr
L=100uH
A
B
8.5
Ω
VDD
Rgen
FAST
DIODE
OMNIFET
A
D
I
S
220
Ω
B
OMNIFET
D
S
I
Vgen


Similar Part No. - VNN3NV0413TR

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VNN3NV04 STMICROELECTRONICS-VNN3NV04 Datasheet
418Kb / 21P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNN3NV04P-E STMICROELECTRONICS-VNN3NV04P-E Datasheet
287Kb / 22P
   fully autoprotected Power MOSFET
VNN3NV04PTR-E STMICROELECTRONICS-VNN3NV04PTR-E Datasheet
284Kb / 22P
   OMNIFET II fully autoprotected Power MOSFET
VNN3NV04TR-E STMICROELECTRONICS-VNN3NV04TR-E Datasheet
469Kb / 26P
   fully autoprotected Power MOSFET
More results

Similar Description - VNN3NV0413TR

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNS3NV04D STMICROELECTRONICS-VNS3NV04D Datasheet
241Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS3NV04D13TR STMICROELECTRONICS-VNS3NV04D13TR Datasheet
249Kb / 14P
   OMNIFET II FULLY AUTOPROTECTED POWER MOSFET
VNN1NV04TR-E STMICROELECTRONICS-VNN1NV04TR-E Datasheet
546Kb / 33P
   OMNIFET II fully autoprotected Power MOSFET
VNB35NV04TR-E STMICROELECTRONICS-VNB35NV04TR-E Datasheet
414Kb / 19P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS14NV0413TR STMICROELECTRONICS-VNS14NV0413TR Datasheet
1Mb / 31P
   "OMNIFET II" fully autoprotected Power MOSFET
VNS7NV04P-E STMICROELECTRONICS-VNS7NV04P-E Datasheet
370Kb / 29P
   OMNIFET II fully autoprotected Power MOSFET
September 2013 Rev 4
VNS3NV04D-E STMICROELECTRONICS-VNS3NV04D-E Datasheet
357Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNS1NV04D13TR STMICROELECTRONICS-VNS1NV04D13TR Datasheet
249Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
September 2013 Rev 4
VNN3NV04PTR-E STMICROELECTRONICS-VNN3NV04PTR-E Datasheet
284Kb / 22P
   OMNIFET II fully autoprotected Power MOSFET
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz