Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD3NM60-1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STD3NM60-1
Description  N-channel 600 V, 1.3 廓, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NM60-1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STD3NM60-1 Datasheet HTML 5Page - STMicroelectronics STD3NM60-1 Datasheet HTML 6Page - STMicroelectronics STD3NM60-1 Datasheet HTML 7Page - STMicroelectronics STD3NM60-1 Datasheet HTML 8Page - STMicroelectronics STD3NM60-1 Datasheet HTML 9Page - STMicroelectronics STD3NM60-1 Datasheet HTML 10Page - STMicroelectronics STD3NM60-1 Datasheet HTML 11Page - STMicroelectronics STD3NM60-1 Datasheet HTML 12Page - STMicroelectronics STD3NM60-1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STD3NM60, STD3NM60-1, STP4NM60
Test circuits
Doc ID 8370 Rev 4
9/17
3
Test circuits
Figure 15. Switching times test circuit for
resistive load
Figure 16. Gate charge test circuit
Figure 17. Test circuit for inductive load
switching and diode recovery times
Figure 18. Unclamped inductive load test
circuit
Figure 19. Unclamped inductive waveform
Figure 20. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
µF
3.3
µF
VDD
AM01469v1
VDD
47k
1k
47k
2.7k
1k
12V
Vi=20V=VGMAX
2200
µF
PW
IG=CONST
100
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
µH
µF
3.3
1000
µF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
µF
3.3
µF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Similar Part No. - STD3NM60-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM60-1 STMICROELECTRONICS-STD3NM60-1 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STD3NM60-1 STMICROELECTRONICS-STD3NM60-1 Datasheet
723Kb / 17P
   N-channel 600 V, 1.3 ?? 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
September 2009 Rev 4
More results

Similar Description - STD3NM60-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM60T4 STMICROELECTRONICS-STD3NM60T4 Datasheet
723Kb / 17P
   N-channel 600 V, 1.3 ?? 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
September 2009 Rev 4
STD2NK100Z STMICROELECTRONICS-STD2NK100Z Datasheet
459Kb / 16P
   N-channel 1000 V, 6.25 廓, 1.85 A, TO-220, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com