Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7755RFV Datasheet(PDF) 6 Page - Rohm

Part # BD7755RFV
Description  System Motor Driver IC for Half Height Drive (Sensor less)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7755RFV Datasheet(HTML) 6 Page - Rohm

Back Button BD7755RFV Datasheet HTML 2Page - Rohm BD7755RFV Datasheet HTML 3Page - Rohm BD7755RFV Datasheet HTML 4Page - Rohm BD7755RFV Datasheet HTML 5Page - Rohm BD7755RFV Datasheet HTML 6Page - Rohm BD7755RFV Datasheet HTML 7Page - Rohm BD7755RFV Datasheet HTML 8Page - Rohm BD7755RFV Datasheet HTML 9Page - Rohm BD7755RFV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Technical Note
6/18
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD7755RFV
Equivalent-circuit diagram of the terminals
Three-phase motor driver output
BEMF voltage detection input
52
47
48
50
45
1
2
51
53pin
5k
5k
10k
5k
52pin
10k
PWM driver output SLED1,2
PWM driver output SA1,2
BTL driver output FC,TK,TL
44
40
42
41
43
39
32
35
37
36
38
39
23
15
17
19
13
18
16
14
BTL driver output LD
BTL driver input FC,TK,TL,LD
PWM driver input SLED1,2
11
13
12
10
200Ω
9
20
21
22
25pin
53pin
200Ω
30
31
27pin
53pin
PWM driver input SA1,2
PWM driver input Spindle
Spindle current limit input
28
29
27pin
53pin
62.6kΩ
200Ω
8
27pin
53pin
54
52pin
53pin


Similar Part No. - BD7755RFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7755RFV-E2 ROHM-BD7755RFV-E2 Datasheet
1,005Kb / 21P
   System Motor Driver IC for Half Height Drive (Sensor less)
More results

Similar Description - BD7755RFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7755RFV-E2 ROHM-BD7755RFV-E2 Datasheet
1,005Kb / 21P
   System Motor Driver IC for Half Height Drive (Sensor less)
BD7763EFV ROHM-BD7763EFV Datasheet
793Kb / 19P
   System Motor Driver IC for Half Height Drive(Sensor less)
BD7959EFV ROHM-BD7959EFV Datasheet
1Mb / 19P
   System Motor Driver IC for Half Height Drive (3 Sensors)
logo
Panasonic Semiconductor
AN8221FB PANASONIC-AN8221FB Datasheet
506Kb / 13P
   HDD Sensor-less Motor Driver IC
AN3861SA PANASONIC-AN3861SA Datasheet
103Kb / 11P
   Sensor-less Motor Drive IC for VTR Movie Cylinder
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
Rohm
BH55110KV ROHM-BH55110KV Datasheet
546Kb / 17P
   System Motor Driver IC for Slim Drive (3 sensors)
logo
Sanyo Semicon Device
LB11685VH SANYO-LB11685VH Datasheet
184Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com