Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2835 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2835
Description  Chopper Regulator, DC−DC Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2835 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2835_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2835_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2835_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2835_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2835_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2835_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2835
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut−off current
IDSS
VDS = 200 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
200
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.5
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
0.56
0.8
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
2.0
4.5
S
Input capacitance
Ciss
440
Reverse transfer capacitance
Crss
35
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
120
pF
Rise time
tr
15
Turn−on time
ton
20
Fall time
tf
15
Switching time
Turn−off time
toff
60
ns
Total gate charge (gate−source
plus gate−drain)
Qg
10
Gate−source charge
Qgs
6
Gate−drain (“miller”) Charge
Qgd
VDD ≈ 100 V, VGS = 10 V, ID = 5 A
4
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
5
A
Pulse drain reverse current
(Note 1)
IDRP
20
A
Forward voltage (diode)
VDSF
IDR = 5 A, VGS = 0 V
−2.0
V
Reverse recovery time
trr
150
ns
Reverse recovery charge
Qrr
IDR = 5 A, VGS = 0 V, dIDR / dt = 100 A / μs
0.45
μC
Marking
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
K2835
Lot No.
Note 4
Part No. (or abbreviation code)


Similar Part No. - 2SK2835_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2835 TOSHIBA-2SK2835_06 Datasheet
663Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2835_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2846 TOSHIBA-2SK2846_09 Datasheet
413Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2842 TOSHIBA-2SK2842_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ512 TOSHIBA-2SJ512_09 Datasheet
451Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2843 TOSHIBA-2SK2843_09 Datasheet
419Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ511 TOSHIBA-2SJ511_09 Datasheet
419Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2679 TOSHIBA-2SK2679_09 Datasheet
397Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2173 TOSHIBA-2SK2173_09 Datasheet
454Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2992 TOSHIBA-2SK2992_09 Datasheet
402Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2733 TOSHIBA-2SK2733_09 Datasheet
418Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2400 TOSHIBA-2SK2400_09 Datasheet
384Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com