Electronic Components Datasheet Search |
|
BA10393FV Datasheet(PDF) 8 Page - Rohm |
|
BA10393FV Datasheet(HTML) 8 Page - Rohm |
8 / 20 page Technical Note BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM, BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN 8/19 www.rohm.com 2010.05 - Rev.B © 2010 ROHM Co., Ltd. All rights reserved. ○BA10339 family (*)The data above is ability value of sample, it is not guaranteed. -50 -40 -30 -20 -10 0 10 20 30 40 50 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] BA10339 family 3V 5V 36V 60 70 80 90 100 110 120 130 140 010 20 30 40 SUPPLY VOLTAGE [V] 25℃ 85℃ -40℃ 0 1 2 3 4 5 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] BA10339 family 5mV overdrive 20mV overdrive 100mV overdrive 0 1 2 3 4 5 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] BA10339 family 5mV overdrive 20mV overdrive 100mV overdrive 60 70 80 90 100 110 120 130 140 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] BA10339 family 3V 5V 36V 40 60 80 100 120 140 160 010 20 30 40 SUPPLY VOLTAGE [V] BA10339 family -40℃ 25℃ 85℃ 0 25 50 75 100 125 150 -50 -25 0 255075 100 AMBIENT TEMPERATURE [°C] BA10339 family 3V 5V 36V 60 70 80 90 100 110 120 130 140 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] BA10339 family BA10339 family Common Mode Rejection Ratio – Supply Voltage Large Signal Voltage Gain – Ambient Temperature Input Offset Current – Ambient Temperature Large Signal Voltage Gain – Supply Voltage Large Signal Voltage Gain – Ambient Temperature Response Time (Low to High) - Ambient Temperature (VCC=5[V],VRL=5[V],RL=5.1[k Ω]) Response Time (High to Low) - Ambient Temperature (VCC=5[V],VRL=5[V]) Power Supply Rejection Ratio – Ambient Temperature Fig. 33 Fig. 34 Fig. 35 Fig. 36 Fig. 37 Fig. 38 Fig. 39 Fig. 40 |
Similar Part No. - BA10393FV |
|
Similar Description - BA10393FV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |