Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA17815FP Datasheet(PDF) 4 Page - Rohm

Part # BA17815FP
Description  1A Output 78 series Regulators 500mA Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA17815FP Datasheet(HTML) 4 Page - Rohm

  BA17815FP Datasheet HTML 1Page - Rohm BA17815FP Datasheet HTML 2Page - Rohm BA17815FP Datasheet HTML 3Page - Rohm BA17815FP Datasheet HTML 4Page - Rohm BA17815FP Datasheet HTML 5Page - Rohm BA17815FP Datasheet HTML 6Page - Rohm BA17815FP Datasheet HTML 7Page - Rohm BA17815FP Datasheet HTML 8Page - Rohm BA17815FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
4/12
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics BA78M□□CP/FP
(Ta=25℃,Vin=10V(05),11V(06),13V(07),14V(08),15V(09),16V(10),19V(12),23V(15),27V(18),29V(20),33V(24),Io=350mA unless otherwise specified)
Parameter
Symbol
Type
Limit
Unit
Condition
Min
Typ
Max
Load Regulation 1
Reg.L1
05
-
20
100
mV
Io=5mA~500mA
06
-
20
120
07
-
20
140
08
-
20
160
09
-
20
180
10
-
20
200
12
-
20
240
15
-
20
300
18
-
20
360
20
-
20
400
24
-
20
480
Load Regulation 2
Reg.L2
05
-
10
50
mV
Io=5mA~200mA
06
-
10
60
07
-
10
70
08
-
10
80
09
-
10
90
10
-
10
100
12
-
10
120
15
-
10
150
18
-
10
180
20
-
10
200
24
-
10
240
Output Noise
Voltage
Vn
05
-
40
-
µV
f=10Hz~100kHz
06
-
60
-
07
-
70
-
08
-
80
-
09
-
90
-
10
-
100
-
12
-
110
-
15
-
130
-
18
-
140
-
20
-
150
-
24
-
170
-
Bias Current
Ib
common
-
4.5
6.0
mA
Io=0mA
Bias Current Change1
Ib1
common
-
-
0.5
mA
Io=5mA~350mA
Bias Current Change 2
Ib2
05
-
-
0.8
mA
Vin:8~25V, Io=200mA
06
-
-
0.8
Vin:9~25V, Io=200mA
07
-
-
0.8
Vin:10~25V, Io=200mA
08
-
-
0.8
Vin:10.5~25V, Io=200mA
09
-
-
0.8
Vin:12~25V, Io=200mA
10
-
-
0.8
Vin:13~25V, Io=200mA
12
-
-
0.8
Vin:14.5~30V, Io=200mA
15
-
-
0.8
Vin:17.5~30V, Io=200mA
18
-
-
0.8
Vin:21~33V, Io=200mA
20
-
-
0.8
Vin:23~33V, Io=200mA
24
-
-
0.8
Vin:27~33V, Io=200mA
Short-Circuit
Output Current
Ios
05/06/07/08
-
0.4
-
A
Vin=25V
09/10/12/15/18/20/24
-
0.17
-
Vin=30V
Output Resistance
Ro
05
-
9
-
mΩ
f=1kHz
06
-
10
-
07
-
11
-
08
-
12
-
09
-
13
-
10
-
14
-
12
-
16
-
15
-
19
-
18
-
22
-
20
-
25
-
24
-
37
-


Similar Part No. - BA17815FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA17815FP ROHM-BA17815FP Datasheet
245Kb / 6P
   Three-Terminal Regulator
More results

Similar Description - BA17815FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com