Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3415LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK3415LS
Description  DC / DC Converter, Motor Driver Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3415LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3415LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK3415LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK3415LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK3415LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3415LS
No.7153-3/4
2
2
3
100
2
7
5
3
10
2
7
5
3
1.0
7
5
3
0.1
0
2
4
6
8
10
0
102030405060708090
0
1020304050
6070
10000
2
7
5
3
1000
2
7
5
3
100
0.1
23
5
7
1.0
23
5
7
10
23
5
7
1000
2
7
5
3
100
2
7
5
3
10
2
100
7
5
3
10
2
7
5
3
1.0
2
7
5
3
0.1
2
7
5
3
0.01
IT04139
IT04140
IT04142
yfs -- ID
IF -- VSD
Ciss, Coss, Crss -- VDS
0.001
23 5 7
0.01
23 5 7
0.1
23 5 7
1.0
23 5 7
10
23 5 7
100
0
0.2
0.4
0.6
0.8
1.0
1.2
IT04141
SW Time -- ID
IT04146
0
PD -- Tc
0
20
40
60
80
100
120
140
160
5
35
30
25
20
15
10
40
IT04145
0
PD -- Ta
0
2.5
2.0
1.5
1.0
0.5
20
40
60
80
100
120
140
160
IT04144
A S O
0.1
2
3
57
2
3
57
2
3
57
1.0
10
100
2
100
7
5
3
10
2
7
5
3
1.0
2
7
5
3
0.1
2
7
5
3
0.01
Tc=
--25
°C
25
°C
75
°C
VDS=10V
VGS=0
f=1MHz
Ciss
Crss
Coss
VDD=30V
VGS=10V
td(on)
tf
t r
IT04143
VGS -- Qg
VDS=10V
ID=40A
IDP=160A
ID=40A
DC
Operation
100
µs
10
µs
1ms
10ms
100ms
Operation in this
area is limited by RDS(on).
td(off)
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
No
heat
sink
Tc=25
°C
Single pulse
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C


Similar Part No. - 2SK3415LS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3415LS ISC-2SK3415LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3415LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1896 SANYO-2SA1896 Datasheet
83Kb / 3P
   DC/DC Converter, Motor Driver Applications
2SB1396 SANYO-2SB1396 Datasheet
81Kb / 3P
   DC-DC Converter,Motor Driver Applications???
2SB1395 SANYO-2SB1395 Datasheet
79Kb / 3P
   DC-DC Converter,Motor Driver Applications?
2SK1896 SANYO-2SK1896 Datasheet
82Kb / 3P
   DC-DC Converter, Motor Drive Applications
logo
Texas Instruments
DRV8808 TI1-DRV8808 Datasheet
1Mb / 38P
[Old version datasheet]   COMBINATION MOTOR DRIVER WITH DC-DC CONVERTER
logo
Toshiba Semiconductor
TPCF8402_0912 TOSHIBA-TPCF8402_0912 Datasheet
319Kb / 11P
   Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
TK150F04K3 TOSHIBA-TK150F04K3 Datasheet
219Kb / 7P
   Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com