Electronic Components Datasheet Search |
|
SKT2S Datasheet(PDF) 1 Page - EIC discrete Semiconductors |
|
SKT2S Datasheet(HTML) 1 Page - EIC discrete Semiconductors |
1 / 2 page SKT2S - SKTBS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS PRV : 20 - 100 Volts IO : 2.5 Amperes FEATURES : * High current capability * High surge current capability * High reliability * High efficiency * Low power loss * Low cost * Low forward voltage drop * Pb / RoHS Free MECHANICAL DATA : * Case : SMA (DO-214AC) Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.067 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 °C ambient temperature unless otherwise specifie. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL SKT 2S SKT 3S SKT 4S SKT 5S SKT 6S SKT 7S SKT 8S SKT 9S SKT BS UNIT Maximum Recurrent Peak Reverse Voltage VRRM 20 30 40 50 60 70 80 90 100 V Maximum RMS Voltage VRMS 14 21 28 35 42 49 56 63 70 V Maximum DC Blocking Voltage VDC 20 30 40 50 60 70 80 90 100 V Maximum Average Forward Current See Fig.1 IF(AV) 2.5 A Maximum Peak Forward Surge Current, 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at I F = 2.5 A (Note 1) VF 0.5 0.74 0.79 V Maximum Reverse Current at Rated DC Blocking Voltage (Note 1) Junction Temperature Range TJ - 65 to + 125 - 65 to + 150 °C Storage Temperature Range TSTG - 65 to + 150 °C Note : (1) Pulse Test : Pulse Width = 300 μs, Duty Cycle = 2%. Page 1 of 2 Rev. 02 : March 25, 2005 IR 0.5 mA RATING IFSM 75 A 2.1 ± 0.2 SMA (DO-214AC) 1.2 ± 0.2 2.6 ± 0.15 Dimensions in millimeter 1 1 ± 0 3 0.2 ± 0.07 2.0 ± 0.2 |
Similar Part No. - SKT2S_05 |
|
Similar Description - SKT2S_05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |