Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7300 Datasheet(PDF) 4 Page - Intel Corporation

Part # L7300
Description  Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L7300 Datasheet(HTML) 4 Page - Intel Corporation

  L7300 Datasheet HTML 1Page - Intel Corporation L7300 Datasheet HTML 2Page - Intel Corporation L7300 Datasheet HTML 3Page - Intel Corporation L7300 Datasheet HTML 4Page - Intel Corporation L7300 Datasheet HTML 5Page - Intel Corporation L7300 Datasheet HTML 6Page - Intel Corporation L7300 Datasheet HTML 7Page - Intel Corporation L7300 Datasheet HTML 8Page - Intel Corporation L7300 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
4
Datasheet
Figures
1
Core Low Power States..............................................................................................12
2
Package Low Power States.........................................................................................13
3
Active VCC and ICC Loadline Intel Core 2 Duo Processors - Standard Voltage,
Low Voltage and Ultra Low Voltage and Intel Core 2 Extreme Processors |
(PSI# Not Asserted) .................................................................................................36
4
Deeper Sleep VCC and ICC Loadline Intel Core 2 Duo Processors -
Standard Voltage and Intel Core 2 Extreme Processors (PSI# Asserted)...........................37
5
Deeper Sleep VCC and ICC Loadline Intel Core 2 Duo Processor -
Low Voltage and Ultra Low Voltage (PSI# Asserted) ......................................................38
6
4-MB and Fused 2-MB Micro-FCPGA Processor Package Drawing (Sheet 1 of 2) .................42
7
4-MB and Fused 2-MB Micro-FCPGA Processor Package Drawing (Sheet 2 of 2) .................43
8
2-MB Micro-FCPGA Processor Package Drawing (Sheet 1 of 2) ........................................44
9
2-MB Micro-FCPGA Processor Package Drawing (Sheet 2 of 2) ........................................45
10 4-MB and Fused 2-MB Micro-FCBGA Processor Package Drawing (Sheet 1 of 2).................46
11 4-MB and Fused 2-MB Micro-FCBGA Processor Package Drawing (Sheet 2 of 2).................47
12 2-MB Micro-FCBGA Processor Package Drawing (Sheet 1 of 2) ........................................48
13 2-MB Micro-FCBGA Processor Package Drawing (Sheet 2 of 2) ........................................49
Tables
1
Coordination of Core Low Power States at the Package Level ..........................................13
2
Voltage Identification Definition..................................................................................23
3
BSEL[2:0] Encoding for BCLK Frequency......................................................................27
4
FSB Pin Groups ........................................................................................................28
5
Processor Absolute Maximum Ratings..........................................................................29
6
Voltage and Current Specifications for the Intel Core 2 Duo Processors -
Standard Voltage......................................................................................................30
7
Voltage and Current Specifications for the Intel Core 2 Duo Processors -
Low Voltage.............................................................................................................32
8
Voltage and Current Specifications for the Intel Core 2 Duo -Ultra Low
Voltage Processors ...................................................................................................33
9
Voltage and Current Specifications for the Intel Core 2 Extreme Processors ......................34
10 FSB Differential BCLK Specifications ............................................................................38
11 AGTL+ Signal Group DC Specifications ........................................................................39
12 CMOS Signal Group DC Specifications..........................................................................40
13 Open Drain Signal Group DC Specifications ..................................................................40
14 The Coordinates of the Processor Pins as Viewed from the Top of the Package
(Sheet 1 of 2) ..........................................................................................................50
15 The Coordinates of the Processor Pins as Viewed from the Top of the Package
(Sheet 2 of 2) ..........................................................................................................51
16 Pin Listing by Pin Name .............................................................................................53
17 Pin Listing by Pin Number ..........................................................................................60
18 Signal Description.....................................................................................................69
19 Power Specifications for the Intel Core 2 Duo Processor - Standard Voltage......................77
20 Power Specifications for the Intel Core 2 Duo Processor - Low Voltage .............................78
21 Power Specifications for the Intel Core 2 Duo Processor - Ultra Low Voltage .....................79
22 Power Specifications for the Intel Core 2 Extreme Processor ...........................................80
23 Thermal Diode Interface ............................................................................................81
24 Thermal Diode Parameters Using Diode Model ..............................................................82
25 Thermal Diode Parameters Using Transistor Model ........................................................83
26 Thermal Diode ntrim and Diode Correction Toffset ........................................................84


Similar Part No. - L7300

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7306 HAMAMATSU-L7306 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L7307 HAMAMATSU-L7307 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
List of Unclassifed Man...
L730FI ETC2-L730FI Datasheet
156Kb / 3P
   Turnlok Locking Devices Flanged Inlets Outlets
L730FO ETC2-L730FO Datasheet
156Kb / 3P
   Turnlok Locking Devices Flanged Inlets Outlets
More results

Similar Description - L7300

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X9000 INTEL-X9000 Datasheet
1Mb / 77P
   Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
X6800 INTEL-X6800 Datasheet
1Mb / 122P
   Core2 Extreme Processor
QX9775 INTEL-QX9775 Datasheet
987Kb / 90P
   Intel Core2 Extreme Processor
313278-008 INTEL-313278-008 Datasheet
1Mb / 118P
   Intel Core2 Extreme Processor
logo
Axiomtek Co., Ltd.
SHB210 AXIOMTEK-SHB210_17 Datasheet
284Kb / 1P
   Socket M for Intel Core2 Duo and Celeron M Processor
logo
Protech Systems Co., Lt...
BPC-8090 PROTECHSYSTEMS-BPC-8090 Datasheet
474Kb / 2P
   High Performance Core2 Duo Book Size PC
logo
Axiomtek Co., Ltd.
IMB201 AXIOMTEK-IMB201 Datasheet
238Kb / 1P
   LGA775 Intel Core2 Duo ATX Industrial Motherboard with Intel Q965 ICH8 Chipset, Dual LANs and Audio
IMB203 AXIOMTEK-IMB203 Datasheet
509Kb / 1P
   LGA775 Intel Core2 Duo ATX Industrial Motherboard with Intel Q45 ICH10DO Chipset, iAMT, iTPM and RAID
logo
List of Unclassifed Man...
PXI-3920 ETC2-PXI-3920 Datasheet
698Kb / 2P
   3U Intel Core2 Duo T7500 2.2GHz/ Pentium M 760 Single-Core Processor-based PXI Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com