Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC027N03SG Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSC027N03SG
Description  OptiMOS2 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC027N03SG Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSC027N03SG Datasheet HTML 2Page - Infineon Technologies AG BSC027N03SG Datasheet HTML 3Page - Infineon Technologies AG BSC027N03SG Datasheet HTML 4Page - Infineon Technologies AG BSC027N03SG Datasheet HTML 5Page - Infineon Technologies AG BSC027N03SG Datasheet HTML 6Page - Infineon Technologies AG BSC027N03SG Datasheet HTML 7Page - Infineon Technologies AG BSC027N03SG Datasheet HTML 8Page - Infineon Technologies AG BSC027N03SG Datasheet HTML 9Page - Infineon Technologies AG BSC027N03SG Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BSC027N03S G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=50 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS
parameter: I D
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
98 %
0
1
2
3
4
5
-60
-10
40
90
140
190
T j [°C]
90 µA
900 µA
0
0.4
0.8
1.2
1.6
2
2.4
-60
-10
40
90
140
190
T j [°C]
Ciss
Coss
Crss
10
4
10
3
10
2
100
1000
10000
010
20
30
V DS [V]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
10
3
10
2
10
1
10
0
0
0.5
1
1.5
2
V SD [V]
Rev. 1.4
page 6
2009-10-22


Similar Part No. - BSC027N03SG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC027N03SG INFINEON-BSC027N03SG Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-09
More results

Similar Description - BSC027N03SG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO350N03 INFINEON-BSO350N03 Datasheet
225Kb / 9P
   OptiMOS2 Power-Transistor
2004-02-09
IPD10N03LA INFINEON-IPD10N03LA Datasheet
412Kb / 11P
   OptiMOS2 Power-Transistor
Rev. 1.3 2004-05-19
IPP05CN10LG INFINEON-IPP05CN10LG Datasheet
329Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.02 2008-10-31
IPP03N03LBG INFINEON-IPP03N03LBG_08 Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP12CN10LG INFINEON-IPP12CN10LG Datasheet
778Kb / 10P
   OptiMOS2 Power-Transistor
2008-07-15 revision:1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com