Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2611 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2611
Description  DC−DC Converter, Relay Drive and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2611 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2611 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2611 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2611 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2611 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2611 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2611 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2611
2010-01-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
±10
μA
Gate−source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut−off current
IDSS
VDS = 720 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
900
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain−source ON-resistance
RDS (ON)
VGS = 10 V, ID = 4 A
1.2
1.4
Forward transfer admittance
|Yfs|
VDS = 15 V, ID = 4 A
3.0
7.0
S
Input capacitance
Ciss
2040
Reverse transfer capacitance
Crss
45
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
190
pF
Rise time
tr
25
Turn−on time
ton
60
Fall time
tf
20
Switching time
Turn−off time
toff
95
ns
Total gate charge (gate−source
plus gate−drain)
Qg
58
Gate−source charge
Qgs
32
Gate−drain (“miller”) Charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 9 A
26
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
9
A
Pulse drain reverse current
(Note 1)
IDRP
27
A
Forward voltage (diode)
VDSF
IDR = 9 A, VGS = 0 V
−1.9
V
Reverse recovery time
trr
1.6
μs
Reverse recovery charge
Qrr
IDR = 9 A, VGS = 0 V, dIDR / dt = 100 A / μs
20
μC
Marking
K2611
TOSHIBA
Lot No.
Note 4
Part No. (or abbreviation code)
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.


Similar Part No. - 2SK2611

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2611 TOSHIBA-2SK2611 Datasheet
287Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2611 TOSHIBA-2SK2611 Datasheet
701Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2611 TOSHIBA-2SK2611 Datasheet
414Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive
logo
Nell Semiconductor Co.,...
2SK2611 NELLSEMI-2SK2611 Datasheet
342Kb / 6P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
2SK2611 ISC-2SK2611 Datasheet
205Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - 2SK2611

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2996 TOSHIBA-2SK2996_09 Datasheet
414Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2862 TOSHIBA-2SK2862_09 Datasheet
425Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2545 TOSHIBA-2SK2545_09 Datasheet
419Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ334 TOSHIBA-2SJ334_09 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ438 TOSHIBA-2SJ438_09 Datasheet
416Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ304 TOSHIBA-2SJ304_07 Datasheet
695Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2961 TOSHIBA-2SK2961_09 Datasheet
387Kb / 6P
   Relay Drive, Motor Drive and DC−DC Converter Application
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_09 Datasheet
420Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com