Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F50X Datasheet(PDF) 51 Page - Silicon Laboratories

Part No. C8051F50X
Description  Mixed Signal ISP Flash MCU Family
Download  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F50X Datasheet(HTML) 51 Page - Silicon Laboratories

Back Button C8051F50X Datasheet HTML 47Page - Silicon Laboratories C8051F50X Datasheet HTML 48Page - Silicon Laboratories C8051F50X Datasheet HTML 49Page - Silicon Laboratories C8051F50X Datasheet HTML 50Page - Silicon Laboratories C8051F50X Datasheet HTML 51Page - Silicon Laboratories C8051F50X Datasheet HTML 52Page - Silicon Laboratories C8051F50X Datasheet HTML 53Page - Silicon Laboratories C8051F50X Datasheet HTML 54Page - Silicon Laboratories C8051F50X Datasheet HTML 55Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 312 page
background image
Rev. 1.1
51
C8051F50x-F51x
Table 5.12. Comparator 0 and Comparator 1 Electrical Characteristics
VIO = 1.8 to 5.125 V, –40 to +125 °C unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Response Time:
Mode 0, Vcm* = 1.5 V
CPn+ – CPn– = 100 mV
310
ns
CPn+ – CPn– = –100 mV
340
ns
Response Time:
Mode 1, Vcm* = 1.5 V
CPn+ – CPn– = 100 mV
410
ns
CPn+ – CPn– = –100 mV
510
ns
Response Time:
Mode 2, Vcm* = 1.5 V
CPn+ – CPn– = 100 mV
480
ns
CP0+ – CP0– = –100 mV
620
ns
Response Time:
Mode 3, Vcm* = 1.5 V
CPn+ – CPn– = 100 mV
1600
ns
CPn+ – CPn– = –100 mV
2600
ns
Common-Mode Rejection Ratio
1.7
8.9
mV/V
Positive Hysteresis 1
CPnHYP1–0 = 00
-2
0
2
mV
Positive Hysteresis 2
CPnHYP1–0 = 01
2
6
10
mV
Positive Hysteresis 3
CPnHYP1–0 = 10
5
11
20
mV
Positive Hysteresis 4
CPnHYP1–0 = 11
13
21
40
mV
Negative Hysteresis 1
CPnHYN1–0 = 00
-2
0
2
mV
Negative Hysteresis 2
CPnHYN1–0 = 01
2
6
10
mV
Negative Hysteresis 3
CPnHYN1–0 = 10
5
11
20
mV
Negative Hysteresis 4
CPnHYN1–0 = 11
13
21
40
mV
Inverting or Non-Inverting Input
Voltage Range
–0.25
VIO + 0.25
V
Input Capacitance
8
pF
Input Offset Voltage
–10
+10
mV
Power Supply
Power Supply Rejection
0.33
mV/V
Power-Up Time
3
µs
Supply Current at DC
Mode 0
6.2
20
µA
Mode 1
3.8
10
µA
Mode 2
2.6
7.5
µA
Mode 3
0.6
3
µA
*Note:
Vcm is the common-mode voltage on CP0+ and CP0–.


Similar Part No. - C8051F50X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 313P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X_11 Datasheet
2Mb / 313P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F50X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz