Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F50X Datasheet(PDF) 65 Page - Silicon Laboratories

Part No. C8051F50X
Description  Mixed Signal ISP Flash MCU Family
Download  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F50X Datasheet(HTML) 65 Page - Silicon Laboratories

Back Button C8051F50X Datasheet HTML 61Page - Silicon Laboratories C8051F50X Datasheet HTML 62Page - Silicon Laboratories C8051F50X Datasheet HTML 63Page - Silicon Laboratories C8051F50X Datasheet HTML 64Page - Silicon Laboratories C8051F50X Datasheet HTML 65Page - Silicon Laboratories C8051F50X Datasheet HTML 66Page - Silicon Laboratories C8051F50X Datasheet HTML 67Page - Silicon Laboratories C8051F50X Datasheet HTML 68Page - Silicon Laboratories C8051F50X Datasheet HTML 69Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 312 page
background image
Rev. 1.1
65
C8051F50x-F51x
SFR Address = 0xE8; SFR Page = 0x00; Bit-Addressable
SFR Definition 6.7. ADC0CN: ADC0 Control
Bit
7
6
5
4
3
2
1
0
Name
AD0EN
BURSTEN
AD0INT
AD0BUSY AD0WINT
AD0LJST
AD0CM[1:0]
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit
Name
Function
7
AD0EN
ADC0 Enable Bit.
0: ADC0 Disabled. ADC0 is in low-power shutdown.
1: ADC0 Enabled. ADC0 is active and ready for data conversions.
6
BURSTEN
ADC0 Burst Mode Enable Bit.
0: Burst Mode Disabled.
1: Burst Mode Enabled.
5
AD0INT
ADC0 Conversion Complete Interrupt Flag.
0: ADC0 has not completed a data conversion since AD0INT was last cleared.
1: ADC0 has completed a data conversion.
4
AD0BUSY
ADC0 Busy Bit.
Read:
0: ADC0 conversion is not
in progress.
1: ADC0 conversion is in
progress.
Write:
0: No Effect.
1: Initiates ADC0 Conver-
sion if AD0CM[1:0] = 00b
3
AD0WINT
ADC0 Window Compare Interrupt Flag.
This bit must be cleared by software
0: ADC0 Window Comparison Data match has not occurred since this flag was last
cleared.
1: ADC0 Window Comparison Data match has occurred.
2
AD0LJST
ADC0 Left Justify Select Bit.
0: Data in ADC0H:ADC0L registers is right-justified
1: Data in ADC0H:ADC0L registers is left-justified. This option should not be used
with a repeat count greater than 1 (when AD0RPT[1:0] is 01b, 10b, or 11b).
1:0 AD0CM[1:0] ADC0 Start of Conversion Mode Select.
00: ADC0 start-of-conversion source is write of 1 to AD0BUSY.
01: ADC0 start-of-conversion source is overflow of Timer 1.
10: ADC0 start-of-conversion source is rising edge of external CNVSTR.
11: ADC0 start-of-conversion source is overflow of Timer 2.


Similar Part No. - C8051F50X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 313P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X_11 Datasheet
2Mb / 313P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F50X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com