Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F50X Datasheet(PDF) 85 Page - Silicon Laboratories

Part # C8051F50X
Description  Mixed Signal ISP Flash MCU Family
Download  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F50X Datasheet(HTML) 85 Page - Silicon Laboratories

Back Button C8051F50X Datasheet HTML 81Page - Silicon Laboratories C8051F50X Datasheet HTML 82Page - Silicon Laboratories C8051F50X Datasheet HTML 83Page - Silicon Laboratories C8051F50X Datasheet HTML 84Page - Silicon Laboratories C8051F50X Datasheet HTML 85Page - Silicon Laboratories C8051F50X Datasheet HTML 86Page - Silicon Laboratories C8051F50X Datasheet HTML 87Page - Silicon Laboratories C8051F50X Datasheet HTML 88Page - Silicon Laboratories C8051F50X Datasheet HTML 89Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 312 page
background image
Rev. 1.1
85
C8051F50x-F51x
Figure 10.2. External Capacitors for Voltage Regulator Input/Output—
Regulator Disabled
SFR Address = 0xC9; SFR Page = 0x00
SFR Definition 10.1. REG0CN: Regulator Control
Bit
7
6
5
4
3
2
1
0
Name
REGDIS
REG0MD
DROPOUT
Type
R/W
R/W
R
R/W
R
R
R
R
Reset
0
0
0
1
0
0
0
0
Bit
Name
Function
7
REGDIS
Voltage Regulator Disable Bit.
0: Voltage Regulator Enabled
1: Voltage Regulator Disabled
6
Unused
Read = 0b; Must Write 0b.
5
Unused
Read = 0b; Write = Don’t Care.
4
REG0MD
Voltage Regulator Mode Select Bit.
0: Voltage Regulator Output is 2.1V.
1: Voltage Regulator Output is 2.6V.
3:1
Unused
Read = 000b. Write = Don’t Care.
0
DROPOUT
Voltage Regulator Dropout Indicator.
0: Voltage Regulator is not in dropout
1: Voltage Regulator is in or near dropout.
VREGIN
VDD
VDD
4.7 µF
.1 µF


Similar Part No. - C8051F50X

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 313P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X_11 Datasheet
2Mb / 313P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F50X

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com