Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP7NK80Z Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP7NK80Z
Description  N-channel 800 V, 1.5 廓, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NK80Z Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP7NK80Z Datasheet HTML 5Page - STMicroelectronics STP7NK80Z Datasheet HTML 6Page - STMicroelectronics STP7NK80Z Datasheet HTML 7Page - STMicroelectronics STP7NK80Z Datasheet HTML 8Page - STMicroelectronics STP7NK80Z Datasheet HTML 9Page - STMicroelectronics STP7NK80Z Datasheet HTML 10Page - STMicroelectronics STP7NK80Z Datasheet HTML 11Page - STMicroelectronics STP7NK80Z Datasheet HTML 12Page - STMicroelectronics STP7NK80Z Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STB7NK80Z, STB7NK80Z-1, STP7NK80ZFP, STP7NK80Z
Test circuits
Doc ID 8979 Rev 6
9/17
3
Test circuits
Figure 17. Switching times test circuit for
resistive load
Figure 18. Gate charge test circuit
Figure 19. Test circuit for inductive load
switching and diode recovery times
Figure 20. Unclamped inductive load test
circuit
Figure 21. Unclamped inductive waveform
Figure 22. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
µF
3.3
µF
VDD
AM01469v1
VDD
47k
1k
47k
2.7k
1k
12V
Vi=20V=VGMAX
2200
µF
PW
IG=CONST
100
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
µH
µF
3.3
1000
µF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
µF
3.3
µF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Similar Part No. - STP7NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
logo
Inchange Semiconductor ...
STP7NK80Z ISC-STP7NK80Z Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
STP7NK80ZF ISC-STP7NK80ZF Datasheet
284Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP7NK80ZFP STMICROELECTRONICS-STP7NK80ZFP Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
More results

Similar Description - STP7NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_06 Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
   N-channel 600 V - 1 廓 - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
   N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
   N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
April 2003
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
   N-channel 500 V, 0.23 廓, 17 A SuperMESH??Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
   N-channel 900 V, 1.1 廓, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH??Power MOSFET
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
   N-channel 600 V, 0.48 廓, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com