Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051T600-GS Datasheet(PDF) 9 Page - Silicon Laboratories

Part # C8051T600-GS
Description  Mixed-Signal Byte-Programmable EPROM MCU
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051T600-GS Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button C8051T600-GS Datasheet HTML 5Page - Silicon Laboratories C8051T600-GS Datasheet HTML 6Page - Silicon Laboratories C8051T600-GS Datasheet HTML 7Page - Silicon Laboratories C8051T600-GS Datasheet HTML 8Page - Silicon Laboratories C8051T600-GS Datasheet HTML 9Page - Silicon Laboratories C8051T600-GS Datasheet HTML 10Page - Silicon Laboratories C8051T600-GS Datasheet HTML 11Page - Silicon Laboratories C8051T600-GS Datasheet HTML 12Page - Silicon Laboratories C8051T600-GS Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 188 page
background image
Rev. 1.2
9
C8051T600/1/2/3/4/5/6
List of Tables
1. System Overview
2. Ordering Information
Table 2.1. Product Selection Guide ......................................................................... 16
3. Pin Definitions
Table 3.1. Pin Definitions for the C8051T600/1/2/3/4/5 ........................................... 17
Table 3.2. Pin Definitions for the C8051T606 .......................................................... 18
4. QFN-11 Package Specifications
Table 4.1. QFN-11 Package Dimensions ................................................................ 22
Table 4.2. QFN-11 PCB Land Pattern Dimensions ................................................. 23
5. SOIC-14 Package Specifications
Table 5.1. SOIC-14 Package Dimensions ............................................................... 24
Table 5.2. SOIC-14 PCB Land Pattern Dimensions ................................................ 25
6. MSOP-10 Package Specifications
Table 6.1. MSOP-10 Package Dimensions ............................................................. 26
Table 6.2. MSOP-10 PCB Land Pattern Dimensions .............................................. 27
7. QFN-10 Package Specifications
Table 7.1. QFN-10 Package Dimensions ................................................................ 28
Table 7.2. QFN-10 PCB Land Pattern Dimensions ................................................. 29
8. Electrical Characteristics
Table 8.1. Absolute Maximum Ratings .................................................................... 30
Table 8.2. Global Electrical Characteristics ............................................................. 31
Table 8.3. Port I/O DC Electrical Characteristics ..................................................... 33
Table 8.4. Reset Electrical Characteristics .............................................................. 34
Table 8.5. Internal Voltage Regulator Electrical Characteristics ............................. 34
Table 8.6. EPROM Electrical Characteristics .......................................................... 34
Table 8.7. Internal High-Frequency Oscillator Electrical Characteristics ................. 35
Table 8.8. Temperature Sensor Electrical Characteristics ...................................... 35
Table 8.9. Voltage Reference Electrical Characteristics ......................................... 35
Table 8.10. ADC0 Electrical Characteristics ............................................................ 36
Table 8.11. Comparator Electrical Characteristics .................................................. 37
9. 10-Bit ADC (ADC0, C8051T600/2/4 only)
10. Temperature Sensor (C8051T600/2/4 only)
11. Voltage Reference Options
12. Voltage Regulator (REG0)
13. Comparator0
14. CIP-51 Microcontroller
Table 14.1. CIP-51 Instruction Set Summary .......................................................... 67
15. Memory Organization
16. Special Function Registers
Table 16.1. Special Function Register (SFR) Memory Map .................................... 77
Table 16.2. Special Function Registers ................................................................... 77
17. Interrupts
Table 17.1. Interrupt Summary ................................................................................ 82


Similar Part No. - C8051T600-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T600-GS SILABS-C8051T600-GS Datasheet
1Mb / 168P
   Mixed Signal OTP EPROM MCU Family
More results

Similar Description - C8051T600-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T630 SILABS-C8051T630 Datasheet
1Mb / 221P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051F336 SILABS-C8051F336_08 Datasheet
1Mb / 227P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T610 SILABS-C8051T610_V01 Datasheet
4Mb / 218P
   Mixed-Signal Byte-Programmable EPROM MCU
Rev 1.1
C8051T610 SILABS-C8051T610_11 Datasheet
1Mb / 219P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T600 SILABS-C8051T600 Datasheet
1Mb / 168P
   Mixed Signal OTP EPROM MCU Family
logo
Dialog Semiconductor
SLG46536 DIALOG-SLG46536 Datasheet
1Mb / 165P
   Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46120 RENESAS-SLG46120 Datasheet
4Mb / 97P
   Programmable Mixed Signal Array
March 10, 2023
logo
Silicon Laboratories
C8051F330-GMR SILABS-C8051F330-GMR Datasheet
1Mb / 210P
   Mixed-Signal ISP Flash MCU
logo
Renesas Technology Corp
SLG46110 RENESAS-SLG46110 Datasheet
3Mb / 84P
   Programmable Mixed Signal Matrix
March 9, 2023
logo
Silicon Laboratories
C8051F330 SILABS-C8051F330_07 Datasheet
2Mb / 216P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com