Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33072AP Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33072AP
Description  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33072AP Datasheet(HTML) 5 Page - ON Semiconductor

  MC33072AP Datasheet HTML 1Page - ON Semiconductor MC33072AP Datasheet HTML 2Page - ON Semiconductor MC33072AP Datasheet HTML 3Page - ON Semiconductor MC33072AP Datasheet HTML 4Page - ON Semiconductor MC33072AP Datasheet HTML 5Page - ON Semiconductor MC33072AP Datasheet HTML 6Page - ON Semiconductor MC33072AP Datasheet HTML 7Page - ON Semiconductor MC33072AP Datasheet HTML 8Page - ON Semiconductor MC33072AP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4A
http://onsemi.com
5
RL Connected
to Ground TA = 25°C
RL = 10 k
RL = 2.0 k
Figure 4. Maximum Power Dissipation versus
Temperature for Package Types
Figure 5. Input Offset Voltage versus
Temperature for Representative Units
Figure 6. Input Common Mode Voltage
Range versus Temperature
Figure 7. Normalized Input Bias Current
versus Temperature
Figure 8. Normalized Input Bias Current versus
Input Common Mode Voltage
Figure 9. Split Supply Output Voltage
Swing versus Supply Voltage
TA, AMBIENT TEMPERATURE (°C)
-55 -40 -20
0
20
40
60
80
100 120 140 160
8 & 14 Pin Plastic Pkg
SOIC-14 Pkg
SOIC-8 Pkg
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
VCM = 0
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC
VCC/VEE = +1.5 V/ -1.5 V to +22 V/ -22 V
VEE
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
VCM = 0
VIC, INPUT COMMON MODE VOLTAGE (V)
-12
-8.0
-4.0
0
4.0
8.0
12
VCC = +15 V
VEE = -15 V
TA = 25°C
VCC, |VEE|, SUPPLY VOLTAGE (V)
0
5.0
10
15
20
25
2400
2000
1600
1200
800
400
0
4.0
2.0
0
-2.0
-4.0
VCC
VCC -0.8
VCC -1.6
VCC -2.4
VEE +0.01
VEE
1.3
1.2
1.1
1.0
0.9
0.8
0.7
1.4
1.2
1.0
0.8
0.6
50
40
30
20
10
0


Similar Part No. - MC33072AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33072AP ONSEMI-MC33072AP Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC33072APG ONSEMI-MC33072APG Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33072APG ONSEMI-MC33072APG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33072APG ONSEMI-MC33072APG Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
More results

Similar Description - MC33072AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074DG ONSEMI-MC33074DG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com