Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33072ADR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33072ADR2
Description  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33072ADR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33072ADR2 Datasheet HTML 2Page - ON Semiconductor MC33072ADR2 Datasheet HTML 3Page - ON Semiconductor MC33072ADR2 Datasheet HTML 4Page - ON Semiconductor MC33072ADR2 Datasheet HTML 5Page - ON Semiconductor MC33072ADR2 Datasheet HTML 6Page - ON Semiconductor MC33072ADR2 Datasheet HTML 7Page - ON Semiconductor MC33072ADR2 Datasheet HTML 8Page - ON Semiconductor MC33072ADR2 Datasheet HTML 9Page - ON Semiconductor MC33072ADR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4A
http://onsemi.com
6
VCC
VCC = +15 V
RL to VCC
TA = 25°C
GND
VCC
VCC = +15 V
RL = GND
TA = 25°C
GND
Figure 10. Split Supply Output Saturation
versus Load Current
60
Figure 11. Single Supply Output Saturation
versus Load Resistance to Ground
Figure 12. Single Supply Output Saturation
versus Load Resistance to VCC
Figure 13. Output Short Circuit Current
versus Temperature
Figure 14. Output Impedance
versus Frequency
Figure 15. Output Voltage Swing
versus Frequency
0
5.0
10
15
20
IL, LOAD CURRENT (± mA)
VCC
VEE
Sink
VCC/VEE = +5.0 V/ -5.0 V to +22 V/ -22 V
TA = 25°C
Source
RL, LOAD RESISTANCE TO GROUND (W)
100
1.0 k
10 k
100 k
RL, LOAD RESISTANCE TO VCC (W)
100
1.0 k
10 k
100 k
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
RL ≤ 0.1 W
DVin = 1.0 V
Sink
Source
f, FREQUENCY (Hz)
1.0 k
10 k
100
1.0 M
10 M
AV = 1000
AV = 100
AV = 10
AV = 1.0
VCC = +15 V
VEE = -15 V
VCM = 0
VO = 0
DIO = ±0.5 mA
TA = 25°C
f, FREQUENCY (Hz)
3.0 k
10 k
30 k
100 k
300 k
1.0 M
3.0 M
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 k
THD
≤ 1.0%
TA = 25°C
VCC
VCC -1.0
VCC -2.0
VEE +2.0
VEE +1.0
VEE
VCC-2.0
VCC-4.0
VCC
0.2
0.1
0
0
-0.4
-0.8
2.0
1.0
50
40
30
20
10
0
50
40
30
20
10
0
28
24
20
16
12
8.0
4.0
0


Similar Part No. - MC33072ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33072ADR2 ONSEMI-MC33072ADR2 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC33072ADR2G ONSEMI-MC33072ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33072ADR2G ONSEMI-MC33072ADR2G Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33072ADR2G ONSEMI-MC33072ADR2G Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
MC33072ADR2G ONSEMI-MC33072ADR2G Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
More results

Similar Description - MC33072ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074DG ONSEMI-MC33074DG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com