Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34164DM-3R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC34164DM-3R2G
Description  Micropower Undervoltage Sensing Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34164DM-3R2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC34164DM-3R2G Datasheet HTML 1Page - ON Semiconductor MC34164DM-3R2G Datasheet HTML 2Page - ON Semiconductor MC34164DM-3R2G Datasheet HTML 3Page - ON Semiconductor MC34164DM-3R2G Datasheet HTML 4Page - ON Semiconductor MC34164DM-3R2G Datasheet HTML 5Page - ON Semiconductor MC34164DM-3R2G Datasheet HTML 6Page - ON Semiconductor MC34164DM-3R2G Datasheet HTML 7Page - ON Semiconductor MC34164DM-3R2G Datasheet HTML 8Page - ON Semiconductor MC34164DM-3R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC34164, MC33164, NCV33164
http://onsemi.com
5
TA = 0°C
0
ISink, SINK CURRENT (mA)
4.0
8.0
12
16
20
TA = 70°C
TA = 0°C
Vin, Reset = 4 V
Figure 10. MC3X164−3 Reset Output
Saturation versus Sink Current
Figure 11. MC3X164−5 Reset Output
Saturation versus Sink Current
Figure 12. Clamp Diode Forward Current
versus Voltage
Figure 13. Reset Delay Time
(MC3X164−5 Shown)
0
VSink, SINK CURRENT (mA)
4.0
8.0
12
16
, FORWARD VOLTAGE (V)
0.4
0.8
1.2
1.6
20
TA = 25°C
Figure 14. Low Voltage Microprocessor Reset
Power
Supply
1.2 Vref
Microprocessor
Circuit
Input
R
Reset
GND
Reset
CDLY
A time delayed reset can be accomplished with the addition of CDLY. For systems with extremely fast power
supply rise times (<500 ns) it is recommended that the RCDLY time constant be greater than 5.0 ms. Vth(MPU) is
the microprocessor reset input threshold.
tDLY = RCDLY In
1 −
Vth(MPU)
1
Vin
TA = 25°C
TA = 0°C
TA = 70°C
TA = 25°C
Vin = 0 V
TA = 25°C
VF
Vin = 2.4 V
TA = 70°C
TA = 0°C
TA = 25°C
Reset
Vin
Vin = 5.0 V to 4.0 V
RL = 43 k
TA = 25°C
Reset
Vin
5.0V
4.0V
Ref
43k
90%
5.0 V
4.0 V
5.0
ms/DIV
10
%
4.0
3.0
2.0
1.0
0
4.0
3.0
2.0
1.0
0
32
24
16
8.0
0
0
TA = 70°C


Similar Part No. - MC34164DM-3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34164DM-3R2G ONSEMI-MC34164DM-3R2G Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
More results

Similar Description - MC34164DM-3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com