Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF16NK60Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STF16NK60Z
Description  N-channel 600 V, 038 廓, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF16NK60Z Datasheet(HTML) 2 Page - STMicroelectronics

  STF16NK60Z Datasheet HTML 1Page - STMicroelectronics STF16NK60Z Datasheet HTML 2Page - STMicroelectronics STF16NK60Z Datasheet HTML 3Page - STMicroelectronics STF16NK60Z Datasheet HTML 4Page - STMicroelectronics STF16NK60Z Datasheet HTML 5Page - STMicroelectronics STF16NK60Z Datasheet HTML 6Page - STMicroelectronics STF16NK60Z Datasheet HTML 7Page - STMicroelectronics STF16NK60Z Datasheet HTML 8Page - STMicroelectronics STF16NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Contents
STF16NK60Z, STP16NK60Z, STW16NK60Z
2/15
Doc ID 10249 Rev 5
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves)
. . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14


Similar Part No. - STF16NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF16N50M2 STMICROELECTRONICS-STF16N50M2 Datasheet
958Kb / 21P
   Extremely low gate charge
May 2017 Rev 5
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
   Gate charge minimized
September 2010 Rev 1
STF16N60M2 STMICROELECTRONICS-STF16N60M2 Datasheet
383Kb / 13P
   Extremely low gate charge
March 2015 Rev 1
logo
Inchange Semiconductor ...
STF16N60M2 ISC-STF16N60M2 Datasheet
301Kb / 2P
   N-Channel Power MOSFET
logo
STMicroelectronics
STF16N60M6 STMICROELECTRONICS-STF16N60M6 Datasheet
712Kb / 13P
   N-channel 600 V, 0.26 typ., 12 A MDmeshTM M6 Power MOSFET in a TO-220FP package
March 2017 Rev 1
More results

Similar Description - STF16NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
   N-channel 600 V, 0.48 廓, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
   N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
   N-channel 800V - 1.3廓 - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
STP12NK60Z STMICROELECTRONICS-STP12NK60Z_09 Datasheet
841Kb / 15P
   N-channel 650 V @Tjmax, 0.53 廓, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
   N-channel 500 V, 0.23 廓, 17 A SuperMESH??Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
   N-channel 900 V, 1.1 廓, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH??Power MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
   N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
   N-channel 600 V - 1 廓 - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
   N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com