Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE20G120T Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE20G120T
Description  1200V, 20A, Trench NPT IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE20G120T Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE20G120T Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20G120T Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20G120T Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20G120T Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20G120T Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20G120T Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20G120T Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE20G120T Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
http://www.ncepower.com
共 8 页,第 1 页
NCE20G120T
Pb Free Product
NCE20G120T
1200V, 20A, Trench NPT IGBT
Features
Trench NPT( Non Punch Through) IGBT
High speed switching
Low saturation voltage: VCE(sat)=2.0V@IC=20A
High input impedance
Applications
Inductive heating, Microwave oven, Inverter, UPS, etc.
Soft switching applications
General Description
Using advanced Trench NPT technology, NCE’s 1200V
IGBTs offers superior conduction and switching performances,
and easy parallel operation with exceptional avalanche rugged-
ness. This device is designed for soft switching applications.
Absolute Maximum Ratings
Notes:
1. Repetitive rating, Pulse width limited by max. junction temperature
Symbol Description
Ratings
Units
VCES
Collector to Emitter Voltage
1200
V
VGES
Gate to Emitter Voltage
+/-25
V
Continuous Collector Current @TC=25°C
40
A
IC
Continuous Collector Current @TC=100°C
20
A
ICM(1)
Pulsed Collector Current
60
A
Maximum Power Dissipation @TC=25°C
298
W
PD
Maximum Power Dissipation @TC=100°C
119
W
TJ
Operating Junction Temperature
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temp. for soldering Purposes, 1/8" from
case for 5seconds
300
°C
C
E
G
G C E


Similar Part No. - NCE20G120T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2003 NCEPOWER-NCE2003 Datasheet
379Kb / 11P
   N and P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE2003 VBSEMI-NCE2003 Datasheet
596Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE2004NE NCEPOWER-NCE2004NE Datasheet
351Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE2004NE VBSEMI-NCE2004NE Datasheet
513Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE2004Y NCEPOWER-NCE2004Y Datasheet
283Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NCE20G120T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
   1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
FGA20N120FTD FAIRCHILD-FGA20N120FTD Datasheet
721Kb / 9P
   1200V, 20A Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com