Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB10NC60HD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGB10NC60HD
Description  600 V - 10 A - very fast IGBT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB10NC60HD Datasheet(HTML) 1 Page - STMicroelectronics

  STGB10NC60HD_08 Datasheet HTML 1Page - STMicroelectronics STGB10NC60HD_08 Datasheet HTML 2Page - STMicroelectronics STGB10NC60HD_08 Datasheet HTML 3Page - STMicroelectronics STGB10NC60HD_08 Datasheet HTML 4Page - STMicroelectronics STGB10NC60HD_08 Datasheet HTML 5Page - STMicroelectronics STGB10NC60HD_08 Datasheet HTML 6Page - STMicroelectronics STGB10NC60HD_08 Datasheet HTML 7Page - STMicroelectronics STGB10NC60HD_08 Datasheet HTML 8Page - STMicroelectronics STGB10NC60HD_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
December 2008
Rev 5
1/19
19
Features
Low on-voltage drop (VCE(sat))
Low CRES / CIES ratio (no cross-conduction
susceptibility)
Very soft ultra fast recovery antiparallel diode
Applications
High frequency motor controls
SMPS and PFC in both hard switch and
resonant topologies
Motor drivers
Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior.
Figure 1.
Internal schematic diagram
D²PAK
TO-220
1
2
3
1
3
1
2
3
TO-220FP
1
3
2
DPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGB10NC60HDT4
GB10NC60HD
D²PAK
Tape and reel
STGD10NC60HDT4
GD10NC60HD
DPAK
STGF10NC60HD
GF10NC60HD
TO-220FP
Tube
STGP10NC60HD
GP10NC60HD
TO-220
STGB10NC60HD - STGD10NC60HD
STGF10NC60HD - STGP10NC60HD
600 V - 10 A - very fast IGBT
www.st.com


Similar Part No. - STGB10NC60HD_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
More results

Similar Description - STGB10NC60HD_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
   30 A - 600 V - very fast IGBT
Rev 6 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com