Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA05LT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBTA05LT1G
Description  Driver Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA05LT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMBTA05LT1G Datasheet HTML 1Page - ON Semiconductor MMBTA05LT1G Datasheet HTML 2Page - ON Semiconductor MMBTA05LT1G Datasheet HTML 3Page - ON Semiconductor MMBTA05LT1G Datasheet HTML 4Page - ON Semiconductor MMBTA05LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBTA05LT1G, MMBTA06LT1G
http://onsemi.com
3
Figure 2. Current−Gain — Bandwidth Product
Figure 3. Capacitance
Figure 4. Switching Time
100
200
2.0
IC, COLLECTOR CURRENT (mA)
300
200
100
70
50
30
10
100
0.1
VR, REVERSE VOLTAGE (VOLTS)
80
60
40
20
10
8.0
20
VCE = 2.0 V
TJ = 25°C
TJ = 25°C
3.0
5.0 7.0
10
20
30
50
70
50
1.0
2.0
5.0
0.2
0.5
6.0
4.0
Cibo
Cobo
20
10
IC, COLLECTOR CURRENT (mA)
200
100
50
20
10
100
50
200
500
1.0 k
500
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
5.0 7.0
30
70
300
700
30
70
td @ VBE(off) = 0.5 V
300
Figure 5. DC Current Gain
2.0
500
0.5
IC, COLLECTOR CURRENT (mA)
400
200
100
80
60
40
10
TJ = 125°C
1.0
3.0
5.0
VCE = 1.0 V
20
100
30
50
200 300
25
°C
-55
°C
Figure 6. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 7. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.01
0.1
1
1
0.1
0.01
0.001
0.0001
0.2
0.3
0.4
0.6
0.7
0.8
1.0
1.1
IC/IB = 10
150°C
25°C
−55°C
0.5
0.9
IC/IB = 10
150°C
25°C
−55°C


Similar Part No. - MMBTA05LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA05LT1G ONSEMI-MMBTA05LT1G Datasheet
114Kb / 6P
   Driver Transistors
July, 2012 ??Rev. 8
MMBTA05LT1G ONSEMI-MMBTA05LT1G Datasheet
104Kb / 6P
   Driver Transistors
October, 2016 ??Rev. 10
More results

Similar Description - MMBTA05LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBTA05LT1 LRC-MMBTA05LT1 Datasheet
51Kb / 2P
   Driver Transistors(NPN Silicon)
BSS64LT1 LRC-BSS64LT1 Datasheet
21Kb / 2P
   Driver Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA05LT1 ONSEMI-MMBTA05LT1 Datasheet
73Kb / 8P
   Driver Transistors(NPN Silicon)
May, 2002 ??Rev. 2
logo
Weitron Technology
MMBTA05 WEITRON-MMBTA05_10 Datasheet
249Kb / 4P
   Driver NPN Transistors
MMBTA05 WEITRON-MMBTA05 Datasheet
256Kb / 4P
   Driver NPN Transistors
MPSA05 WEITRON-MPSA05 Datasheet
107Kb / 4P
   Driver NPN Transistors
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com