Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3787ABL Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3787ABL
Description  1Gbps to 12.5Gbps Passive Equalizer for Backplanes and Cables
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3787ABL Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3787ABL Datasheet HTML 1Page - Maxim Integrated Products MAX3787ABL Datasheet HTML 2Page - Maxim Integrated Products MAX3787ABL Datasheet HTML 3Page - Maxim Integrated Products MAX3787ABL Datasheet HTML 4Page - Maxim Integrated Products MAX3787ABL Datasheet HTML 5Page - Maxim Integrated Products MAX3787ABL Datasheet HTML 6Page - Maxim Integrated Products MAX3787ABL Datasheet HTML 7Page - Maxim Integrated Products MAX3787ABL Datasheet HTML 8Page - Maxim Integrated Products MAX3787ABL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(Specifications guaranteed over specified operating conditions. Typical values measured at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
0.0
mA
Input Swing
Measured differentially at point A in Figure 1
3600
mVP-P
Compensation
5GHz relative to 100MHz
6
dB
Input Impedance
Differential, ZLOAD = 100
Ω
100
Ω
Output Impedance
Differential, ZSOURCE = 100
Ω
100
Ω
Through Response
Relative to ideal load, see Figure 2 for setup
See Figure 3 for limits
Input Return Loss
100MHz to 6GHz
15
dB
Output Return Loss
100MHz to 6GHz
15
dB
Resistance IN+ to IN- and OUT+
to OUT-
No load, high impedance on all ports
112
152
Ω
Resistance IN+ to OUT+ and
IN- to OUT-
No load, high impedance on all ports
32
44
Ω
Resistance IN+ to OUT- and
IN- to OUT+
No load, high impedance on all ports
112
152
Ω
DC Gain (OUT/IN)
ZLOAD = 100
Ω
0.5
3.125Gbps and 6.25Gbps, 18in of 6mil
microstrip FR4
0.05
Residual Deterministic Jitter
(Table 1, Notes 1, 2)
8.5Gbps, 10.0Gbps, and 12.5Gbps,
18in of 6mil microstrip FR4
0.10
UI
Note 1: Signal applied differentially at point A as shown in Figure 1. The deterministic jitter at point B is from media-induced loss,
not from clock-source modulation. Deterministic jitter is measured at the 50% vertical level of the signal at point C.
Note 2: Difference in deterministic jitter between reference points A and C in Figure 1. Stress pattern: 27 PRBS, 100 zeros, 1, 0, 1, 0,
27 PRBS, 100 ones, 0, 1, 0, 1.
1Gbps to 12.5Gbps
Passive Equalizer for Backplanes and Cables
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage between (IN+ and OUT+) or (IN- and OUT-) ..............+2V
Voltage between (IN+ and IN-) or (OUT+ and OUT-) ..............+4V
Voltage between (IN+ and OUT-) or (IN- and OUT+) ..............+4V
Continuous Power Dissipation (TA = +70°C)
4-Bump UCSP (derate 3.0mW/°C above +70°C) .........238mW
Operating Junction Temperature........................................+150°C
Storage Ambient Temperature Range .................-55°C to +150°C
OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Ambient Temperature
TA
-40
+25
+125
°C
Bit Rate
NRZ data
1
12.5
Gbps
CID Tolerance
Consecutive identical digits
100
Bits


Similar Part No. - MAX3787ABL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
More results

Similar Description - MAX3787ABL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS80E100 NSC-DS80E100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 NSC-DS80EP100_08 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS38EP100 TI1-DS38EP100_14 Datasheet
6Mb / 17P
[Old version datasheet]   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 TI1-DS80EP100_15 Datasheet
5Mb / 18P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
National Semiconductor ...
DS80EP100 NSC-DS80EP100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS80EP100 TI1-DS80EP100_14 Datasheet
5Mb / 21P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
National Semiconductor ...
DS38EP100 NSC-DS38EP100 Datasheet
5Mb / 16P
   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS38EP100 TI1-DS38EP100_13 Datasheet
6Mb / 17P
[Old version datasheet]   DS38EP100 1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Maxim Integrated Produc...
MAX3804 MAXIM-MAX3804 Datasheet
1Mb / 9P
   12.5Gbps Settable Receive Equalizer
19-2713; Rev 1; 11/03
logo
Advantech Co., Ltd.
PCA-6108P3X-0A1 ADVANTECH-PCA-6108P3X-0A1 Datasheet
150Kb / 1P
   Passive Backplanes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com