Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3934 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3934
Description  10.7Gbps Compact Laser Diode Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3934 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3934 Datasheet HTML 1Page - Maxim Integrated Products MAX3934 Datasheet HTML 2Page - Maxim Integrated Products MAX3934 Datasheet HTML 3Page - Maxim Integrated Products MAX3934 Datasheet HTML 4Page - Maxim Integrated Products MAX3934 Datasheet HTML 5Page - Maxim Integrated Products MAX3934 Datasheet HTML 6Page - Maxim Integrated Products MAX3934 Datasheet HTML 7Page - Maxim Integrated Products MAX3934 Datasheet HTML 8Page - Maxim Integrated Products MAX3934 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
10.7Gbps Compact Laser Diode Driver
4
_______________________________________________________________________________________
VCC - 0.5V
VCC
VCC - 1.0V
VCC - 0.4V
(b) AC-COUPLED SINGLE-ENDED (CML OR PECL) INPUT
(a) DC-COUPLED SINGLE-ENDED CML INPUT
800mV
100mV
100mV
VCC + 0.4V
VCC
1.0V
Figure 2. Definition of Input Voltage Swing
IN+
VCC
OUT2+
OUT2-
OUT1+
EQUIVALENT CIRCUIT
IMOD
IBIAS
RD
REXT
OUT1-
OSCILLOSCOPE
VCC
VEE
PATTERN
GENERATOR
BIAS
IN-
VCC
MAX3934A
-5V
50
50
50
50
39
39
12
8
39
39
Figure 1. AC Characterization Circuit


Similar Part No. - MAX3934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX393 MAXIM-MAX393 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930D MAXIM-MAX3930D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930E MAXIM-MAX3930E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931D MAXIM-MAX3931D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
More results

Similar Description - MAX3934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3935 MAXIM-MAX3935 Datasheet
1Mb / 14P
   10.7Gbps EAM Driver
Rev 1; 12/02
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com