Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3934BE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3934BE
Description  10.7Gbps Compact Laser Diode Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3934BE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3934BE Datasheet HTML 2Page - Maxim Integrated Products MAX3934BE Datasheet HTML 3Page - Maxim Integrated Products MAX3934BE Datasheet HTML 4Page - Maxim Integrated Products MAX3934BE Datasheet HTML 5Page - Maxim Integrated Products MAX3934BE Datasheet HTML 6Page - Maxim Integrated Products MAX3934BE Datasheet HTML 7Page - Maxim Integrated Products MAX3934BE Datasheet HTML 8Page - Maxim Integrated Products MAX3934BE Datasheet HTML 9Page - Maxim Integrated Products MAX3934BE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Current Monitors
The MAX3934 features a bias current monitor output
(BIASMON) and a modulation current monitor output
(MODMON). The voltage at BIASMON is equal to (IBIAS
× RBIAS) + VEE, and the voltage at MODMON is equal to
(IMOD
× RMOD) + VEE, where IBIAS represents the laser
bias current, IMOD represents the modulation current,
and RBIAS and RMOD are internal 6
Ω and 3Ω (±10%)
resistors, respectively. BIASMON and MODMON should
be connected to the inverting input of an operational
amplifier to program the bias and modulation current
(see the Design Procedure section).
Design Procedure
When designing a laser transmitter, the optical output
usually is expressed in terms of average power and
extinction ratio. Table 1 gives relationships helpful in
converting between the optical average power and the
modulation current. These relationships are valid if the
mark density and duty cycle of the optical waveform
are 50%.
Programming the Modulation Current
For a desired laser average optical power (PAVG) and
optical extinction ratio (re) the required modulation cur-
rent can be calculated based on the laser slope effi-
ciency (
η) using the equations in Table 1.
To program the desired modulation current, connect
the inverting input of an op amp (such as the
MAX4281) to MODMON and connect the output to
MODSET. Connect the positive op-amp voltage supply
to VCC and the negative supply to VEE (for +5V opera-
tion, VCC = +5V and VEE = ground; for -5.2V operation
VCC = ground and VEE = -5.2V). Connect a reference
voltage (VMOD) to the noninverting input of the op amp
to set the modulation current. See the IMOD vs. VMOD
graph in the Typical Operating Characteristics to select
the value of VMOD that corresponds to the required
modulation current.
Programming the Bias Current
To program the desired laser bias current, connect the
inverting input of an op amp (such as the MAX4281) to
BIASMON and connect the output to BIASSET.
Connect the positive op-amp voltage supply to VCC
and the negative supply to VEE (for +5V operation, VCC
= +5V and VEE = ground; for -5.2V operation, VCC =
ground and VEE = -5.2V). Connect a reference voltage
(VBIAS) to the noninverting input of the op amp to set
the laser bias current. Refer to the IBIAS vs. VBIAS
graph in the Typical Operating Characteristics to select
the value of VBIAS that corresponds to the required
laser bias current.
External Op-Amp Selection
External op amps are required for regulating the bias
and modulation currents. The ability to operate from a
single supply with input common-mode range extending
to the negative supply rail is critical in op-amp selection.
Low bias current and high PSNR are also important. The
op-amp gain bandwidth must be high enough to regu-
late at the power-supply ripple frequency to maintain the
PSNR of the laser driver. Filtering the op-amp output is
recommended (see the Typical Application Circuit). To
maintain stability, the filter capacitor should be smaller
than the op-amp capacitive load specification.
Interfacing with Laser Diodes
Refer to Maxim application note HFAN-2.0: Interfacing
Maxim Laser Drivers with Laser Diodes for detailed
information.
The MAX3934 contains an integrated damping resistor
(RD) with values of 12
Ω or 15Ω, depending on part ver-
sion. The modulation output is optimized for driving a
20
Ω load; therefore, the total series load of RD and RLD
10.7Gbps Compact Laser Diode Driver
8
_______________________________________________________________________________________
PARAMETER
SYMBOL
RELATION
Average Power
PAVG
PAVG = (P0 + P1) / 2
Extinction Ratio
re
re = P1 / P0
Optical Power of a “1”
P1
P1 = 2PAVG re / (re + 1)
Optical Power of a “0”
P0
P0 = 2PAVG / (re + 1)
Optical Amplitude
PP-P
PP-P = P1 - P0 =
2PAVG(re - 1) / (re + 1)
Laser Slope Efficiency
ηη = PP-P / IMOD
Modulation Current
IMOD
IMOD = PP-P /
η
Table 1. Optical Power Relations
Note: Assuming a 50% average duty cycle and mark density.
TIME
P0
P1
OPTICAL
POWER
PAVG
PP-P
Figure 5. Optical Power Definitions


Similar Part No. - MAX3934BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX393 MAXIM-MAX393 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930D MAXIM-MAX3930D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930E MAXIM-MAX3930E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931D MAXIM-MAX3931D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
More results

Similar Description - MAX3934BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3935 MAXIM-MAX3935 Datasheet
1Mb / 14P
   10.7Gbps EAM Driver
Rev 1; 12/02
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com