Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3930 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3930
Description  10.7Gbps Laser Diode Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3930 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3930 Datasheet HTML 3Page - Maxim Integrated Products MAX3930 Datasheet HTML 4Page - Maxim Integrated Products MAX3930 Datasheet HTML 5Page - Maxim Integrated Products MAX3930 Datasheet HTML 6Page - Maxim Integrated Products MAX3930 Datasheet HTML 7Page - Maxim Integrated Products MAX3930 Datasheet HTML 8Page - Maxim Integrated Products MAX3930 Datasheet HTML 9Page - Maxim Integrated Products MAX3930 Datasheet HTML 10Page - Maxim Integrated Products MAX3930 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
10.7Gbps Laser Diode Drivers
_______________________________________________________________________________________
7
10.7Gbps Laser Diode Drivers
Pad Description
PAD
MAX3930
MAX3931/
MAX3932
NAME
FUNCTION
1, 5, 9, 12,
22, 23, 28,
29
1, 3, 5, 7,
9, 10, 12,
22, 23, 28,
29
VCC
Power-Supply Voltage (VCC - VEE = 5V). All pads must be connected to VCC.
2
2
DATA+
Noninverting Data Input. CML with on-chip termination resistor.
3
VTT
Terminating Voltage for Data Inputs
4
4
DATA-
Inverting Data Input. CML with on-chip termination resistor.
6
6
CLK+
Noninverting Clock Input for Data Retiming. CML with on-chip termination resistor.
7
VTT
Terminating Voltage for Clock Inputs
8
8
CLK-
Inverting Clock Input for Data Retiming. CML with on-chip termination resistor.
10, 11, 17,
18, 21, 32,
35, 36, 37
11, 17, 18,
19, 32, 35,
36, 37
VEE
Power-Supply Voltage (VCC - VEE = 5V)
13
13
RTEN
TTL/CMOS Data Retiming Input. Low for latched data, high for direct data. Internal
100k
Ω pullup to VCC.
14
14
PWC+
Positive Input for Modulation Pulse-Width Adjustment. Connected to ground through
RPWC.
15
15
PWC-
Negative Input for Modulation Pulse-Width Adjustment. Connected to ground
through RPWC.
16
16
MODEN
TTL/CMOS Modulation Enable Input. Low for normal operation, high to switch
modulation output off. Internal 100k
Ω pullup to VCC.
19
20
MODMON
Modulation Current Monitor (VMODMON - VEE) / RMOD = IMOD
20
21
MODSET
Modulation Current Set. Connected to the output of the external operational
amplifier (see the Design Procedure section).
24, 27
24, 27
MODN2,
MODN1
Complementary Laser Modulation Current Outputs. Connect to VCC.
25, 26
25, 26
MOD2,
MOD1
Laser Modulation Current Outputs
30
30
BIAS
Laser Bias Current Output
31
31
N.C.
No Connection. Leave unconnected.
33
33
BIASSET
Bias Current Set. Connected to the output of the external operational amplifier (see
the Design Procedure section).
34
34
BIASMON
Bias Current Monitor (VBIASMON - VEE) / RBIAS = IBIAS


Similar Part No. - MAX3930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX393 MAXIM-MAX393 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3934AD MAXIM-MAX3934AD Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3934AE MAXIM-MAX3934AE Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3934BD MAXIM-MAX3934BD Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
More results

Similar Description - MAX3930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
logo
Wavelength Electronics,...
PLD WAVELENGTH-PLD Datasheet
2Mb / 21P
   Laser Diode Drivers
logo
Intersil Corporation
ISL58315 INTERSIL-ISL58315 Datasheet
89Kb / 2P
   High Speed Triple Laser Diode Drivers
logo
Renesas Technology Corp
ISL58315 RENESAS-ISL58315 Datasheet
200Kb / 2P
   High Speed Triple Laser Diode Drivers
September 30, 2011
logo
Maxim Integrated Produc...
MAX3935 MAXIM-MAX3935 Datasheet
1Mb / 14P
   10.7Gbps EAM Driver
Rev 1; 12/02
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
   Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Analog Technologies, In...
ATLS212DLDV1.0 ANALOGTECHNOLOGIES-ATLS212DLDV1.0 Datasheet
310Kb / 6P
   Load Assembly for Laser Drivers
1/26/2022
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
3Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com