Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3610BU Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3610BU
Description  Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3610BU Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3610BU Datasheet HTML 1Page - Maxim Integrated Products MAX3610BU Datasheet HTML 2Page - Maxim Integrated Products MAX3610BU Datasheet HTML 3Page - Maxim Integrated Products MAX3610BU Datasheet HTML 4Page - Maxim Integrated Products MAX3610BU Datasheet HTML 5Page - Maxim Integrated Products MAX3610BU Datasheet HTML 6Page - Maxim Integrated Products MAX3610BU Datasheet HTML 7Page - Maxim Integrated Products MAX3610BU Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX3610 is a low-jitter, high-performance, dual-rate
clock generator optimized for 1Gbps/2Gbps/4Gbps
Fibre-Channel applications. When connected with an
external AT-cut crystal, the device generates a precision
clock output by integrating a crystal oscillator with
Maxim’s low-noise phase-locked loop (PLL) providing a
low-cost solution. By coupling Maxim’s low-noise PLL
design featuring a low-jitter generation VCO with an
inexpensive fundamental mode crystal, the MAX3610
provides the optimum combination of low cost, flexibility,
and high performance.
The MAX3610 output frequency is selectable. When
using a 26.5625MHz crystal, the output clock rate can
be set to either 106.25MHz or 212.5MHz. When operat-
ing at 106.25MHz, the typical phase jitter is 0.7psRMS
from 12kHz to 20MHz. The MAX3610A has low-voltage
positive-emitter-coupled logic (LVPECL) clock output
drivers. The MAX3610B has low-voltage differential-sig-
nal (LVDS) clock output drivers. The MAX3610 output
drivers can also be disabled.
The MAX3610 operates from a single +3.3V supply.
The PECL version typically consumes 165mW, while the
LVDS version typically consumes 174mW. Both devices
are available in die form and have a 0°C to +85°C oper-
ating temperature range.
Applications
Fibre-Channel Hard Disk Drives
Host Bus Adapters
Raid Controllers
Fibre-Channel Switches
Features
♦ Clock Output Frequencies: 106.25MHz or
212.5MHz
♦ Phase Jitter: 0.7psRMS
♦ LVPECL or LVDS Output
♦ Excellent Power-Supply Noise Rejection
♦ Supply Current: 50mA at +3.3V Supply (LVPECL)
53mA at +3.3V Supply (LVDS)
♦ 0°C to +85°C Temperature Range
♦ Optional Output Disable
Low-Jitter 106.25MHz/212.5MHz Fibre-Channel
Clock Generator
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3286; Rev 0; 5/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
OUTPUTS
MAX3610AU/D
0
°C to +85°C
Die
LVPECL
MAX3610BU/D
0
°C to +85°C
Die
LVDS
Dice are designed to operate from 0°C to +85°C, but are tested
and guaranteed only at TA = +25°C.
Typical Operating Circuits
MAX3610A
X1
X2
OUT+
OUT-
FREQSET
OE
VCC
GND
VCC -2V
OPERATING AT 106.25MHz
50Ω
50Ω
AT CUT
CRYSTAL
+3.3V
LVPECL OUTPUTS
DEVICE WITH
LVPECL INPUTS
+3.3V
0.1µF
MAX3610B
X1
X2
OUT+
OUT-
FREQSET
OE
VCC
GND
OPERATING AT 106.25MHz
100Ω
AT CUT
CRYSTAL
+3.3V
LVDS OUTPUTS
DEVICE WITH
LVDS INPUTS
+3.3V
0.1µF


Similar Part No. - MAX3610BU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX361 MAXIM-MAX361 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX361C/D MAXIM-MAX361C/D Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX361C/D MAXIM-MAX361C/D Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX361CPE MAXIM-MAX361CPE Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results

Similar Description - MAX3610BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Maxim Integrated Produc...
DS4106 MAXIM-DS4106_08 Datasheet
142Kb / 8P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
DS4106 MAXIM-DS4106 Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
DS4106_0710 MAXIM-DS4106_0710 Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com