Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3610AD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3610AD
Description  Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3610AD Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX3610AD Datasheet HTML 1Page - Maxim Integrated Products MAX3610AD Datasheet HTML 2Page - Maxim Integrated Products MAX3610AD Datasheet HTML 3Page - Maxim Integrated Products MAX3610AD Datasheet HTML 4Page - Maxim Integrated Products MAX3610AD Datasheet HTML 5Page - Maxim Integrated Products MAX3610AD Datasheet HTML 6Page - Maxim Integrated Products MAX3610AD Datasheet HTML 7Page - Maxim Integrated Products MAX3610AD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Jitter 106.25MHz/212.5MHz Fibre-Channel
Clock Generator
_______________________________________________________________________________________
7
COORDINATES
PAD
NAME
X (µm)
Y (µm)
BP1
N.C.
36.1
1362.4
BP2
N.C.
13.7
1193
BP3
N.C.
13.7
1060
BP4
X1
17.9
742.2
BP5
X2
16.5
613.4
BP6
N.C.
16.5
474.8
BP7
N.C.
16.5
344.6
BP8
OE
15.1
210.2
*BP9
N.C.
16.5
39.4
BP10
N.C.
167.7
33.8
BP11
N.C.
1119.7
36.6
BP12
OUT-
1613.9
50.6
BP13
GND
1613.9
187.8
BP14
OUT+
1613.9
325
BP15
N.C.
1612.5
613.4
BP16
N.C.
1611.1
753.4
BP17
N.C.
577.9
1366.6
BP18
N.C.
435.1
1369.4
BP19
FREQSET
306.3
1369.4
BP20
VCC
169.1
1366.6
Table 2. Bond Pad Coordinates
*Index pad
Pad Information
Bond pad coordinates specify center pad location. All
bond pad coordinates are referenced to the lower
most left corner of the index pad (see Application Note
HFAN 9.0).


Similar Part No. - MAX3610AD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX361 MAXIM-MAX361 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX361C/D MAXIM-MAX361C/D Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX361C/D MAXIM-MAX361C/D Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX361CPE MAXIM-MAX361CPE Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results

Similar Description - MAX3610AD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Maxim Integrated Produc...
DS4106 MAXIM-DS4106_08 Datasheet
142Kb / 8P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
DS4106 MAXIM-DS4106 Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
DS4106_0710 MAXIM-DS4106_0710 Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com