Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3610BD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3610BD
Description  Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3610BD Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX3610BD Datasheet HTML 1Page - Maxim Integrated Products MAX3610BD Datasheet HTML 2Page - Maxim Integrated Products MAX3610BD Datasheet HTML 3Page - Maxim Integrated Products MAX3610BD Datasheet HTML 4Page - Maxim Integrated Products MAX3610BD Datasheet HTML 5Page - Maxim Integrated Products MAX3610BD Datasheet HTML 6Page - Maxim Integrated Products MAX3610BD Datasheet HTML 7Page - Maxim Integrated Products MAX3610BD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
OUT+
VCC
OUT-
ESD
STRUCTURES
Figure 4. LVPECL Output Stage
VCC
OUT+
OUT-
ESD
STRUCTURES
Figure 5. LVDS Output Stage
Applications Information
Low-Jitter 106.25MHz/212.5MHz Fibre-Channel
Clock Generator
6
_______________________________________________________________________________________
CO
CS
RS
LS
X1
X2
Figure 3. Equivalent Crystal Resonator Circuit Model
PARAMETER
VALUE
Crystal
Fundamental AT-cut
Nominal Oscillator Frequency
26.5625MHz
Shunt Capacitance (Co)
2pF
Co/Cs
280
Load Capacitance (Note 6)
12pF
Equivalent Series Resistance (ESR)
5Ω to 40Ω
Maximum Crystal Drive Level
500µW
Table 1. Crystal Resonator Specifications
Note 6: The load capacitance includes the oscillation-circuit
input capacitance, as well as the parasitic capacitance caused
from the assembling/packaging of the blank crystal and IC.


Similar Part No. - MAX3610BD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX361 MAXIM-MAX361 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX361C/D MAXIM-MAX361C/D Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX361C/D MAXIM-MAX361C/D Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX361CPE MAXIM-MAX361CPE Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results

Similar Description - MAX3610BD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Maxim Integrated Produc...
DS4106 MAXIM-DS4106_08 Datasheet
142Kb / 8P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
DS4106 MAXIM-DS4106 Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
DS4106_0710 MAXIM-DS4106_0710 Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com