Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1955 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1955
Description  1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1955 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1955 Datasheet HTML 7Page - Maxim Integrated Products MAX1955 Datasheet HTML 8Page - Maxim Integrated Products MAX1955 Datasheet HTML 9Page - Maxim Integrated Products MAX1955 Datasheet HTML 10Page - Maxim Integrated Products MAX1955 Datasheet HTML 11Page - Maxim Integrated Products MAX1955 Datasheet HTML 12Page - Maxim Integrated Products MAX1955 Datasheet HTML 13Page - Maxim Integrated Products MAX1955 Datasheet HTML 14Page - Maxim Integrated Products MAX1955 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
1.6V to 5.5V Input, 0.5% Accurate, Dual
180° Out-of-Phase Step-Down Controllers
______________________________________________________________________________________
11
Output voltage margining shifts the output voltage by
±4% from the nominal value to simplify system testing.
Outputs also can be powered up and down in select-
able sequences to meet core and logic supply rail
requirements.
DC-to-DC PWM Controller
The MAX1955/MAX1956 step-down DC-to-DC convert-
ers use a PWM voltage-mode control scheme. The con-
troller generates the clock signal by dividing down the
internal oscillator (or SYNC signal when using an external
clock) so that each controller’s switching frequency
equals 1/2 the oscillator frequency. An internal transcon-
ductance error amplifier produces an integrated error
voltage at the COMP_ pin, providing high DC accuracy.
The voltage at COMP sets the duty cycle, using a PWM
comparator and a ramp generator. At the rising edge of
the clock, Regulator 1’s high-side N-channel MOSFET
turns on and remains on until either the appropriate
duty cycle or the maximum duty cycle is reached.
Regulator 2 operates out of phase, so its high-side
MOSFET turns on at the falling edge of the clock.
During the on-time of each high-side MOSFET, the
associated inductor current ramps up.
During the second half of the switching cycle, the high-
side MOSFET turns off and the low-side N-channel
MOSFET (synchronous rectifier) turns on. The inductor
releases its stored energy as its current ramps down,
providing current to the load.
High-Side Gate-Drive
Supply (BST)
The gate-drive voltage for the high-side N-channel
switch is generated by a flying capacitor. This capacitor
between BST and LX is alternately charged from the VDD
supply and placed in parallel to the high-side MOSFET’s
gate and source terminal through the high-side driver.
On startup, the low-side MOSFET forces LX to ground
and charges the boost capacitors to VDD through the
Schottky diodes (D1 and D2 of Figure 5). On the second
half cycle, the controller turns on the high-side MOSFET
by closing an internal switch between BST and DH. This
provides the necessary gate-to-source voltage to turn
on the high-side MOSFET, an action that boosts the 5V
gate-drive signal above the input voltage.
Current Limit
The current-limit circuit employs a “valley” current-
sensing algorithm that uses the on-resistance of the
low-side MOSFET as a current-sensing element. If the
current-sense signal (measured from PGND_ to LX_) is
above the current-limit threshold, the MAX1955/
MAX1956 do not initiate a new cycle, and COMP_ is
pulled to ground. Since valley current sensing is used,
the actual peak current is greater than the current-limit
threshold by an amount equal to the inductor ripple
current (Figure 2). The exact current-limit characteristic
and maximum load capacity are a function of the low-
side MOSFET’s on-resistance, the current-limit thresh-
old, the inductor value, and the input voltage. This
provides a robust lossless current sense that does not
require current-sense resistors.
An added feature is the implementation of Schottky
diodes D3 and D4 (as shown in Figure 5), which
reduce output short-circuit currents.
Constant-Current Limit
The adjustable current limit accommodates MOSFETs
with a wide range of on-resistance values. The current-
limit threshold is adjusted with an external resistor con-
nected from ILIM_ to GND (RILIM_). The adjustment
range is 75mV to 300mV, measured across the low-side
MOSFET. The value of RILIM_ is calculated using the fol-
lowing formula:
where IVALLEY is the valley current limit and RDS(ON) is
the on-resistance of the low-side MOSFET. To avoid
reaching the current limit at a lower current than
expected, use the maximum value for RDS(ON) at an
elevated junction temperature. Refer to the MOSFET
manufacturer’s data sheet for maximum values.
R
I
A
R
ILIM
VALLEY
DS ON
_(
)
.
=
×
×
015
5
µ
IPEAK
ILOAD
IVALLEY
TIME
Figure 2. Inductor Current Waveform


Similar Part No. - MAX1955

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX195 MAXIM-MAX195 Datasheet
311Kb / 28P
   16-Bit, 85ksps ADC with 10uA Shutdown
Rev 1; 12/97
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results

Similar Description - MAX1955

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
logo
Intersil Corporation
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960 MAXIM-MAX1960_09 Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com