Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272Z2T3 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST10F272Z2T3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2T3 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST10F272Z2T3 Datasheet HTML 36Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 37Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 38Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 39Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 40Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 41Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 42Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 43Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 189 page
background image
Internal Flash memory
ST10F272Z2
40/189
way can be executed a maximum of 16 times. To execute the above described operations,
the Flash has to be temporary unprotected (See Section 5.5.9: Temporary unprotection)
Trying to write into the access protected Flash from internal RAM or external memories will
be unsuccessful. Trying to read into the access protected Flash from internal RAM or
external memories will output a dummy data (software trap 0x009Bh).
When the Flash module is protected in access, also the data access through PEC of a
peripheral is forbidden. To read/write data in PEC mode from/to a protected Bank, first it is
necessary to temporary unprotect the Flash module.
In the following table a summary of all levels of possible Access protection is reported: in
particular, supposing to enable all possible access protections, when fetching from a
memory as listed in the first column, what is possible and what is not possible to do (see
column headers) is shown in the table.
When the Access Protection is enabled, Flash registers can not be written, so no
program/erase operation can be run on I-Flash. To enable the access to registers again, the
Temporary Access Unprotection procedure has to be followed (see Section 5.5.9).
5.5.8
Write protection
The Flash modules have one level of Write Protections: each Sector of each Bank of each
Flash Module can be Software Write Protected by programming at 0 the related bit W0Px in
FNVWPIRL register.
5.5.9
Temporary unprotection
Bits W0Px of FNVWPIRL can be temporary unprotected by executing the Set Protection
operation and by writing 1 into these bits.
To restore the write protection bits it is necessary to reset the microcontroller or to execute a
Set Protection operation and write 0 into the desired bits.
In reality, when a temporary write unprotection operation is executed, the corresponding
volatile register is written to 1, while the non-volatile registers bits previously written to 0 (for
a protection set operation), will continue to maintain the 0. For this reason, the User
software must be in charge to track the current write protection status (for instance using a
specific RAM area), it is not possible to deduce it by reading the non-volatile register content
(a temporary unprotection cannot be detected).
To temporary unprotect the Flash when the Access Protection is active, it is necessary to set
at 1 the bit TAUB in XFVTAUR0. This bit can be write at 1, only executing from Flash: in this
way only an instruction executed from Flash can unprotect the Flash itself.
Figure 6.
Summary of access protection level
Read IFLASH /
Jump to IFLASH
Read XRAMS or
Ext Mem / Jump to
XRAM or Ext Mem
Read FLASH
Registers
Write FLASH
Registers
Fetching from IFLASH
Yes / Yes
Yes / Yes
Yes
No
Fetching from IRAM
No / Yes
Yes / Yes
Yes
No
Fetching from XRAM
No / Yes
Yes / Yes
Yes
No
Fetching from External
Memory
No / Yes
Yes / Yes
Yes
No


Similar Part No. - ST10F272Z2T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F272Z2T3 STMICROELECTRONICS-ST10F272Z2T3 Datasheet
3Mb / 179P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
More results

Similar Description - ST10F272Z2T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F272M STMICROELECTRONICS-ST10F272M_12 Datasheet
1Mb / 176P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F272B STMICROELECTRONICS-ST10F272B Datasheet
1Mb / 181P
   16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
ST10F272B STMICROELECTRONICS-ST10F272B_12 Datasheet
1Mb / 188P
   16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
January 2008 Rev 2
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com