Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD7NM80 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD7NM80
Description  N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7NM80 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD7NM80 Datasheet HTML 3Page - STMicroelectronics STD7NM80 Datasheet HTML 4Page - STMicroelectronics STD7NM80 Datasheet HTML 5Page - STMicroelectronics STD7NM80 Datasheet HTML 6Page - STMicroelectronics STD7NM80 Datasheet HTML 7Page - STMicroelectronics STD7NM80 Datasheet HTML 8Page - STMicroelectronics STD7NM80 Datasheet HTML 9Page - STMicroelectronics STD7NM80 Datasheet HTML 10Page - STMicroelectronics STD7NM80 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STD7NM80-1, STD7NM80, STF7NM80, STP7NM80
Electrical characteristics
Doc ID 12573 Rev 3
7/17
Figure 8.
Output characterisics
Figure 9.
Transfer characteristics
Figure 10. Transconductance
Figure 11. Static drain-source on resistance
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations


Similar Part No. - STD7NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD7NM50N STMICROELECTRONICS-STD7NM50N Datasheet
421Kb / 17P
   N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD7NM50N-1 STMICROELECTRONICS-STD7NM50N-1 Datasheet
421Kb / 17P
   N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD7NM60N STMICROELECTRONICS-STD7NM60N Datasheet
885Kb / 17P
   N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
logo
Inchange Semiconductor ...
STD7NM60N ISC-STD7NM60N Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD7NM64N STMICROELECTRONICS-STD7NM64N Datasheet
992Kb / 16P
   Low input capacitance and gate charge
August 2013 Rev 1
More results

Similar Description - STD7NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10NM65N STMICROELECTRONICS-STD10NM65N_08 Datasheet
527Kb / 17P
   N-channel 650 V, 0.43 廓, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
STD10NM65N STMICROELECTRONICS-STD10NM65N Datasheet
504Kb / 17P
   N-channel 650 V - 0.43 廓 - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STD5NM60 STMICROELECTRONICS-STD5NM60_08 Datasheet
561Kb / 18P
   N-channel 650 V@Tjmax, 0.9 廓, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STD9NM60N STMICROELECTRONICS-STD9NM60N Datasheet
902Kb / 16P
   N-channel 600 V, 0.63 ohm, 6.5 A TO-220, TO-220FP, DPAK MDmesh ll Power MOSFET
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com