Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3891 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3891
Description  16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3891 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3891 Datasheet HTML 1Page - Maxim Integrated Products MAX3891 Datasheet HTML 2Page - Maxim Integrated Products MAX3891 Datasheet HTML 3Page - Maxim Integrated Products MAX3891 Datasheet HTML 4Page - Maxim Integrated Products MAX3891 Datasheet HTML 5Page - Maxim Integrated Products MAX3891 Datasheet HTML 6Page - Maxim Integrated Products MAX3891 Datasheet HTML 7Page - Maxim Integrated Products MAX3891 Datasheet HTML 8Page - Maxim Integrated Products MAX3891 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
16:1 Serializer,3.3V, 2.5Gbps, SDH/SONET,
with Clock Synthesis and LVPECL Inputs
_______________________________________________________________________________________
5
Detailed Description
The MAX3891 converts 16-bit wide, 155Mbps data to
2.5Gbps serial data (Figure 2). The MAX3891 is com-
posed of a 16-bit parallel input register, a 16-bit shift
register, control and timing logic, PECL output buffers
and a frequency-synthesizing PLL, consisting of a
phase/frequency detector, loop filter/amplifier, voltage-
controlled oscillator, and prescaler.
The PLL synthesizes an internal 2.5Gbps reference used
to clock the output shift register. This clock is generated
from the external 155.52MHz, 77.76MHz, 51.84MHz, or
38.88MHz reference-clock signal (RCLK).
The incoming parallel data is clocked into the MAX3891
on the rising transition of the parallel clock-input signal
(PCLKI). Proper operation is ensured if the parallel-input
register is latched within a window of time (tSKEW),
defined with respect to the parallel clock-output signal
(PCLKO). PCLKO is the synthesized 2.488Gbps internal
serial-clock signal divided by 16. The allowable PCLKO
to PCLKI skew is 0ns to 4ns. This defines a timing win-
dow after the PCLKO rising edge, during which a PCLKI
rising edge may occur (Figure 1).
System Loopback
The MAX3891 is designed to provide system loopback
testing. The loopback outputs (SLBO) of the MAX3891
may be directly connected to the loopback inputs of a
deserializer (MAX3881) for system diagnostics. To
enable the SLBO outputs, apply a TTL logic-high signal
to the SOS input. The same signal that controls the SOS
enable input may also be used to control the SIS
enable input on the MAX3881.
Figure 1. Timing Diagram
tSKEW
PCLKO
PCLKI
PARALLEL
INPUT DATA
(PDI_)
NOTE: SIGNALS SHOWN ARE DIFFERENTIAL. FOR EXAMPLE, PCKLO = (PCLK0+) - (PCLKO-).
*PDI I5 = D15; PDI14 = D14, . . . PDI0 = D0.
THIS FIGURE IS NOT INTENDED TO SHOW A SPECIFIC TIMING RELATIONSHIP BETWEEN
PARALLEL INPUT DATA AND SERIAL OUTPUT DATA.
tSU
tH


Similar Part No. - MAX3891

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38911 MAXIM-MAX38911 Datasheet
849Kb / 6P
   Evaluation Kit
Rev 0; 8/20
MAX38913 MAXIM-MAX38913 Datasheet
304Kb / 8P
   Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
Rev 0; 3/21
MAX38913 MAXIM-MAX38913 Datasheet
909Kb / 19P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
logo
Analog Devices
MAX38913 AD-MAX38913 Datasheet
3Mb / 45P
   Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
MAX38913 AD-MAX38913 Datasheet
1Mb / 18P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection
Rev 2; 10/22
More results

Similar Description - MAX3891

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
   3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
MAX3691 MAXIM-MAX3691 Datasheet
89Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-1207; Rev 0; 3/97
MAX3693 MAXIM-MAX3693 Datasheet
108Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 1; 4/99
MAX3690ECJ-T MAXIM-MAX3690ECJ-T Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Rev 2; 7/04
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3690 MAXIM-MAX3690_V01 Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3693 MAXIM-MAX3693_V01 Datasheet
572Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com