Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16806ATP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16806ATP
Description  EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16806ATP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16806ATP Datasheet HTML 1Page - Maxim Integrated Products MAX16806ATP Datasheet HTML 2Page - Maxim Integrated Products MAX16806ATP Datasheet HTML 3Page - Maxim Integrated Products MAX16806ATP Datasheet HTML 4Page - Maxim Integrated Products MAX16806ATP Datasheet HTML 5Page - Maxim Integrated Products MAX16806ATP Datasheet HTML 6Page - Maxim Integrated Products MAX16806ATP Datasheet HTML 7Page - Maxim Integrated Products MAX16806ATP Datasheet HTML 8Page - Maxim Integrated Products MAX16806ATP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
EEPROM-Programmable, High-Voltage, 350mA
LED Drivers with LED Current Foldback
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 12V, CV5 = 0.1µF, IV5 = 0, CS- = GND, RSENSE = 0.56Ω, VDIM = 4V, DGND = GND, TFP/SCL = 5V, TFN/SDA = 0V,
SW = CFD = Open, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM
VIN Voltage for EEPROM
Programming
20
22
24
V
EEPROM Data-Retention Time
10
Years
I2C DIGITAL INPUTS (TFP/SCL, TFN/SDA) (Note 5)
Logic Input-Voltage High
VIH
2.8
V
Logic Input-Voltage Low
VIL
0.8
V
Input Capacitance
5pF
SDA Output Voltage Low
VOL
ISINK = 3mA
0.4
V
I2C INTERFACE TIMING (Figure 1)
Serial Clock Frequency
fSCL
400
kHz
Bus Free Time Between STOP
and START Condition
tBUF
1.3
µs
START Condition Hold Time
tHD:STA
0.6
µs
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Repeat START Condition Setup
Time
tSU:STA
0.6
µs
Data Hold Time
tHD:DAT
A master device must provide a hold time
of at least 300ns for the SDA signal
(referred to VIL of the SCL signal) in order
to bridge the undefined region of SCL’s
falling edge
0
0.9
µs
Data Setup Time
tSU:DAT
100
ns
Receive SCL/SDA Rise Time
tR
300
ns
Receive SCL/SDA Fall Time
tF
250
ns
STOP Condition Setup Time
tSU:STO
0.6
µs
Pulse Width of Spike Suppressed
tSP
50
ns
Transmit SDA Fall Time
ISINK < 6mA, CB
≤ 400pF (Note 6)
250
ns
Note 1: All devices 100% production tested at TJ = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 2: Resistors were added from OUT to CS+ to aid with the power dissipation during testing.
Note 3: Dropout is measured as follows: Connect a resistor from OUT to CS+. Connect RSENSE = 0.56Ω from CS+ to CS-. Set VIN =
VOUT +3V (record VOUT as VOUT1). Reduce VIN until VOUT = 0.97 x VOUT1 (record as VIN2 and VOUT2). ΔVDO = VIN2 - VOUT2.
Note 4: tON time includes the delay and the rise time needed for IOUT to reach 90% of its final value. tOFF time is the time needed for
IOUT to drop below 10%. See the Typical Operating Characteristics. tON and tOFF are tested with 13Ω from OUT to CS+.
Note 5: TPF/SCL (SCL for MAX16805) and TPN/SDA (SDA for the MAX16805) are I2C interface compatible only when the
MAX16805/MAX16806 are the only parts on the bus for production programming.
Note 6: CB is the total bus capacitance.


Similar Part No. - MAX16806ATP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16806ATP MAXIM-MAX16806ATP Datasheet
876Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Rev 0; 8/06
More results

Similar Description - MAX16806ATP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805 MAXIM-MAX16805 Datasheet
876Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Rev 0; 8/06
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
   350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com