Electronic Components Datasheet Search |
|
MAX19541EGK Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX19541EGK Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 23 page 12-Bit, 125Msps ADC with CMOS Outputs for Wideband Applications 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 125MHz, DEMUX = 0, differential LVPECL clock input drive, 0.1µF capacitor on REFIO, internal reference, TA = TMIN to TMAX, unless otherwise noted. TA ≥ +25°C guaranteed by production test, TA < +25°C guaranteed by design and characterization. Typical values are at TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. AVCC to AGND ......................................................-0.3V to +2.1V OVCC to OGND .....................................................-0.3V to +2.1V AVCC to OVCC .......................................................-0.3V to +2.1V AGND to OGND ....................................................-0.3V to +0.3V Analog Inputs (INP, INN) to AGND ..........-0.3V to (AVCC + 0.3V) All Digital Inputs to AGND........................-0.3V to (AVCC + 0.3V) REFIO, REFADJ to AGND ........................-0.3V to (AVCC + 0.3V) All Digital Outputs to OGND ....................-0.3V to (OVCC + 0.3V) Maximum Current into Any Pin .........................................±50mA ESD on All Pins (Human Body Model).............................±2000V Continuous Power Dissipation (TA = +70°C) 68-Pin QFN (derate 41.7mW/°C above +70°C) .........3333mW Operating Temperature Range ...........................-40°C to +85°C Junction Temperature ......................................................+150°C Storage Temperature Range .............................-60°C to +150°C Lead Temperature (soldering, 10s) .................................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS DC ACCURACY Resolution 12 Bits Integral Nonlinearity INL fIN = 10MHz (Note 1) -2.5 ±0.7 +2.5 LSB Differential Nonlinearity DNL fIN = 10MHz, no missing codes (Note 1) -0.75 ±0.25 +0.75 LSB Transfer Curve Offset VOS (Note 1) -3 +3 mV Offset Temperature Drift 40 mV/°C ANALOG INPUTS (INP, INN) Full-Scale Input Voltage Range VFS (Note 1) 1300 1410 1510 mVP-P Full-Scale Range Temperature Drift 130 ppm/°C Common-Mode Input Range VCM 1.365 ±0.15 V Input Capacitance CIN 3pF Differential Input Resistance RIN 3.00 4.3 6.25 k Ω Full-Power Analog Bandwidth FPBW 900 MHz REFERENCE (REFIO, REFADJ) Reference Output Voltage VREFIO 1.22 1.245 1.27 V Reference Temperature Drift 90 ppm/°C REFADJ Input High Voltage VREFADJ Used to disable the internal reference AVCC - 0.3 V SAMPLING CHARACTERISTICS Maximum Sampling Rate fSAMPLE 125 MHz Minimum Sampling Rate fSAMPLE 20 MHz Clock Duty Cycle Set by clock-management circuit 40 to 60 % Aperture Delay tAD Figure 4 620 ps Aperture Jitter tAJ 0.2 psRMS |
Similar Part No. - MAX19541EGK |
|
Similar Description - MAX19541EGK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |