Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5800BP18A0100 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 5800BP18A0100
Description  5.8 GHz Band Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5800BP18A0100 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  5800BP18A0100 Datasheet HTML 1Page - Johanson Technology Inc. 5800BP18A0100 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.8 GHz Band Pass Filter
P/N 5800BP18A0100
Detail Specification: 06/17/10
Page 2 of 2
Typical Electrical Performance (T=25°C)
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2010 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
Preliminary
123 456789
010
-50
-40
-30
-20
-10
-60
0
freq, GHz


Similar Part No. - 5800BP18A0100

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5800BL15B100 JOHANSON-5800BL15B100 Datasheet
84Kb / 2P
   5.80 GHz Balun
More results

Similar Description - 5800BP18A0100

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
BPF5801 TAOGLAS-BPF5801 Datasheet
392Kb / 7P
   Airvu 5.8 GHz Band Pass Filter For UAV/Drone Antennas
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
5515BP15C725E JOHANSON-5515BP15C725E Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
2150BP39A0100 JOHANSON-2150BP39A0100 Datasheet
251Kb / 2P
   2.15 GHz Band Pass Filter
5425BP15A1050 JOHANSON-5425BP15A1050 Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
2450BP18C100A JOHANSON-2450BP18C100A Datasheet
250Kb / 2P
   2.45 GHz Band Pass Filter
2450BP15F0100 JOHANSON-2450BP15F0100 Datasheet
123Kb / 2P
   2.45 GHz Band Pass Filter
2450BP39F100A JOHANSON-2450BP39F100A Datasheet
96Kb / 2P
   2.45 GHz Band Pass Filter
2450BP14C0100 JOHANSON-2450BP14C0100 Datasheet
139Kb / 2P
   2.45 GHz Band Pass Filter
2450BP18C100C JOHANSON-2450BP18C100C Datasheet
139Kb / 2P
   2.45 GHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com