Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB270N4F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB270N4F3
Description  N-channel 40 V, 1.6 m廓, 160 A, D2PAK, I2PAK STripFET??III Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB270N4F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB270N4F3 Datasheet HTML 2Page - STMicroelectronics STB270N4F3 Datasheet HTML 3Page - STMicroelectronics STB270N4F3 Datasheet HTML 4Page - STMicroelectronics STB270N4F3 Datasheet HTML 5Page - STMicroelectronics STB270N4F3 Datasheet HTML 6Page - STMicroelectronics STB270N4F3 Datasheet HTML 7Page - STMicroelectronics STB270N4F3 Datasheet HTML 8Page - STMicroelectronics STB270N4F3 Datasheet HTML 9Page - STMicroelectronics STB270N4F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STB270N4F3, STI270N4F3
6/14
Doc ID 13208 Rev 4
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Static drain-source on resistance
Figure 7.
Normalized BVDSS vs temperature
RDS(on)
1.60
1.50
1.40
1.30
0
40
ID(A)
(m
Ω)
20
60
1.70
1.80
1.90
2.00
VGS=10V
I²PAK
D²PAK
80
100 120 140
2.10
HV29690


Similar Part No. - STB270N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB270N4F3 STMICROELECTRONICS-STB270N4F3 Datasheet
450Kb / 15P
   N-channel 40V - 2.1m ohm - 160A - TO-220 - D2PAK - I2PAK STripFE TM Power MOSFET
STB270N4F3 STMICROELECTRONICS-STB270N4F3 Datasheet
380Kb / 15P
   N-channel 40 V - 2.1 m廓 - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
STB270N4F3 STMICROELECTRONICS-STB270N4F3_08 Datasheet
380Kb / 15P
   N-channel 40 V - 2.1 m廓 - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
More results

Similar Description - STB270N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB270N4F3 STMICROELECTRONICS-STB270N4F3_08 Datasheet
380Kb / 15P
   N-channel 40 V - 2.1 m廓 - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
STB200N6F3 STMICROELECTRONICS-STB200N6F3 Datasheet
858Kb / 16P
   N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
logo
Nexperia B.V. All right...
PSMN1R5-40ES NEXPERIA-PSMN1R5-40ES Datasheet
822Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in I2PAK.
logo
STMicroelectronics
STH270N4F3-2 STMICROELECTRONICS-STH270N4F3-2 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET III Power MOSFET
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
   N-channel 55 V, 6.5 m廓, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET??III Power MOSFET
STB150NF04 STMICROELECTRONICS-STB150NF04 Datasheet
395Kb / 11P
   N-channel 40 V - 0.005 廓 - 80 A - D2PAK STripFET?줚I Power MOSFET
STD55N4F5 STMICROELECTRONICS-STD55N4F5 Datasheet
781Kb / 13P
   N-channel 40 V, 7.3 m廓, 40 A, DPAK STripFET??V Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
   N-channel 55 V, 0.0062 廓, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com